Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP2518OIR1 Datasheet(PDF) 8 Page - Eutech Microelectronics Inc

Part # EUP2518OIR1
Description  White LED Step-Up Converter In TSOT-23 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2518OIR1 Datasheet(HTML) 8 Page - Eutech Microelectronics Inc

  EUP2518OIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2518OIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2518OIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2518OIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2518OIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2518OIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2518OIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2518OIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EUP2518
DS2518
Ver1.0
Mar. 2008
8
Packaging Information
TSOT23-6
MILLIMETERS
INCHES
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
-
1.00
-
0.039
A1
0.00
0.15
0.000
0.006
b
0.30
0.50
0.012
0.020
D
2.90
0.114
E1
1.60
0.063
e
0.95
0.037
E
2.60
3.00
0.102
0.118
L
0.3
0.60
0.012
0.024


Similar Part No. - EUP2518OIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2512 EUTECH-EUP2512 Datasheet
181Kb / 2P
   Dual Channel DC-DC Converter for AMOLED
More results

Similar Description - EUP2518OIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2539 EUTECH-EUP2539 Datasheet
236Kb / 11P
   10 White LED Boost Converter In Thin TSOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com