Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP2538JIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP2538JIR1
Description  10X2 Strings WLED Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2538JIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP2538JIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2538JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2538JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2538JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2538JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2538JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2538JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2538JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2538JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EUP2538
DS2538
Ver1.3
Nov. 2008
1
10X2 Strings WLED Boost Converter
DESCRIPTION
The EUP2538 is a constant current step-up converter
specifically designed to drive white LEDs. The Step-up
converter topology allows series connection of the
white LEDs so the LED currents are identical for
uniform brightness. The EUP2538 switches at 1MHz,
allowing the use of tiny external components. The
output capacitor can be as small as 0.47µF, saving
space and cost versus alternative solutions. A low
0.3V feedback voltage minimizes power loss in the
current setting resistor for better efficiency. The
EUP2538 high-voltage output stage is perfect for
driving mid-size and large panel displays containing
up to ten white LEDs in series. The 1.2A current limit
and 0.65Ω RDSON allows the part using for up to 10× 2
string WLED lighting. LED dimming can be done by
using a DC voltage, a logic signal, or a pulse width
modulation(PWM)
signal.
The
enable
input
pin
allows the device to be placed in shutdown mode with
“zero” quiescent current.
The EUP2538 is available in low profile 8pin 3mm
×
3mm TDFN package.
Typical Application Circuit
FEATURES
2.6V to 5.5V Input Range
38V Output with Over Voltage Protection
Internal Soft-Start
PWM Dimming Control
Internal High Power 40V MOSFET Switch
Fast 1MHz Switching Frequency
Using Low-Profile Inductors and Capacitors
Available in 3mm
×3mm TDFN-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
GPS Navigation Systems
Portable Media Players
Handheld Devices, Digital Camera
Portable Game Machines
Figure 1.
White LED Application


Similar Part No. - EUP2538JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2537 EUTECH-EUP2537 Datasheet
368Kb / 1P
   10 White LED Boost Converter
EUP2539 EUTECH-EUP2539 Datasheet
236Kb / 11P
   10 White LED Boost Converter In Thin TSOT-23 Package
More results

Similar Description - EUP2538JIR1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
logo
Richtek Technology Corp...
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
   Boost Converter for WLED Power with Dual LDO
logo
Monolithic Power System...
EV3378-S-00A MPS-EV3378-S-00A Datasheet
356Kb / 8P
   4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Monolithic Power System...
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
   4 strings WLED Controller With 80V Return Evaluation Board
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com