Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP2618QIR1 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUP2618QIR1
Description  Triple Adjustable Output TFT-LCD DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2618QIR1 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUP2618QIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2618QIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2618QIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2618QIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2618QIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2618QIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2618QIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2618QIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2618QIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary
EUP2618
DS2618 Ver0.1 Nov. 2007
5
Absolute Maximum Ratings
IN to GND ---------------------------------------------------------------------------- -0.3V to 6V
DRVN to GND ---------------------------------------------------------- -0.3V to (VSUPN +0.3V)
DRVP to GND ----------------------------------------------------------- -0.3V to (VSUPP +0.3V)
PGND ,TGND to GND --------------------------------------------------------------------- ±0.3V
RDY
,SUPP,SUPN to GND -------------------------------------------------------- -0.3V to 14V
LX to GND --------------------------------------------------------------------------- -0.3V to 19V
COMP, SHDN ,REF, FB ,FBN, FBP to GND ------------------------ -0.3V to (VIN +0.3V)
Operating Temperature --------------------------------------------------------- -40°C to 85°C
Junction Temperature -------------------------------------------------------------------
150°C
Storage Temperature ----------------------------------------------------------- -65°C to150°C
Lead Temp (Soldering, 10sec) --- ---------------------------------------------------
260°C
Electrical Characteristics
(Specfications in standard type face are for TA =25
and those with
boldface type apply over the full Operating
Temperature Range (TA=-40
to 85
).
℃℃
VIN=3.3V, VSUPP=VSUPN=10V ,GND=PGND=TGND=0, unless otherwise
noted.)
EUP2618
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating Power
Input Supply Voltage Range
2.5
5.5
V
Falling
1.9
2.13
2.35
V
VIN Under Voltage Lockout
Rising
2
2.23
2.45
V
VFB=VFBP=1.4V, VFBN=0V ,
not switching
0.7
1
mA
Quiescent Current
VFB=1.1V, VFBP=1.4V, VFBN=0V
switching
2.1
4
mA
Shutdown Current
V SHDN =GND
0.1
10
uA
Thermal Shutdown
15℃ Hysteresis
165
Reference
Reference Voltage
IVREF=100uA
1.22
1.25
1.28
V
Line Regulation
IVREF=100uA, VIN=2.5~5V
2
5
mV
Load Regulation
IVREF=0~100uA
1
5
mV
EA (Error Amplifier)
Feedback Voltage
1.22
1.25
1.28
V
Input Bias Current
VFB=1.25V
100
200
nA
Feedback Voltage Line Regulation
2.5V<VDD<5.5V
0.07
0.15
%/V
Error Amp Transconductance
∆I=2uA
30
60
90
umho
Error Amp Voltage Gain
FB to COMP
853
V/V
Oscillator
Operating Frequency
1000
1200
1500
kHz
Maximum Duty
85
96
%
N-Channel Switch
Switch Current Limit
65% Duty Cycle
1.5
2.1
2.8
A


Similar Part No. - EUP2618QIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2619 EUTECH-EUP2619 Datasheet
126Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps and OP-AMP
More results

Similar Description - EUP2618QIR1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
   Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
MAX1778 MAXIM-MAX1778 Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
MAX1778 MAXIM-MAX1778_12 Datasheet
824Kb / 39P
   Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
logo
Linear Technology
LT1947 LINER-LT1947 Datasheet
177Kb / 8P
   Adjustable Output TFT-LCD Triple Switching Regulator
LT1947 LINER-LT1947_15 Datasheet
201Kb / 12P
   Adjustable Output TFT-LCD Triple Switching Regulator
LT1947 LINER-LT1947_1 Datasheet
195Kb / 12P
   Adjustable Output TFT-LCD Triple Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com