Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP3410 Datasheet(PDF) 10 Page - Eutech Microelectronics Inc

Part # EUP3410
Description  2A,16V,380KHz Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3410 Datasheet(HTML) 10 Page - Eutech Microelectronics Inc

Back Button EUP3410 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP3410 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP3410 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP3410 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP3410 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP3410 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP3410 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP3410 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP3410 Datasheet HTML 12Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EUP3410/3411
DS3410/3411 Ver1.2 Nov. 2008
10
VOUT
C7
R1
C5
C4
2.5V
22µF Ceramic
10KΩ
3.9nF
None
3.3V
22µF Ceramic
10KΩ
3.9nF
None
5V
22µF Ceramic
10KΩ
3.9nF
None
12V
22µF Ceramic
10KΩ
3.9nF
None
2.5V
560µF/6.3V
(30mΩ ESR)
10KΩ
30nF
None
3.3V
560µF/6.3V
(30mΩ ESR)
10KΩ
39nF
None
5V
470µF/10V
(30mΩ ESR)
10KΩ
47nF
None
12V
220µF/25V
(30mΩ ESR)
10KΩ
56nF
None
Output Rectifier Diode
The output rectifier diode supplies the current to the
inductor when the high-side switch is off. A schottky
diode is recommended to reduce losses due to the diode
forward voltage and recovery times.
Loop Compensation
The system stability is controlled through the COMP pin.
COMP is the output of the internal transconductance
error amplifier. A series capacitor-resistor combination
sets a pole-zero combination to control the feedback
loop.
The DC loop gain is:
Where:
VFB is the feedback threshold voltage, 1.2V
VOUT is the desired output regulation voltage
AVEA is the transconductance error amplifier voltage
gain, 400 V/V
GCS is the current sense gain, (roughly the output current
divided by the voltage at COMP), 2A/V
RLOAD is the load resistance (VOUT / IOUT where IOUT is
the output load current)
The system has 2 poles. One is due to the compensation
capacitor (C5), and the other is due to the output
capacitor (C7). These are:
Where P1 is the first pole, and GEA is the error amplifier
transconductance (660µA/V).
and
The system has one zero of importance, due to the
compensation capacitor (C5) and the compensation
resistor (R1). The zero is:
If a large value capacitor (C7) with relatively high
equivalent-series-resistance (ESR) is used, the zero due
to the capacitance and ESR of the output capacitor can
be compensated by a third pole set by R1 and C4. The
pole is:
The system crossover frequency (the frequency where
the loop gain drops to 1, or 0dB) is important. A good rule
of thumb is to set the crossover frequency to
approximately 1/10 of the switching frequency. In this
case, the switching frequency is 380KHz, therefore use a
crossover frequency, fC, of 40KHz. Lower crossover
frequency results in slower loop response and poor load
transient performance. Higher crossover frequency can
result in loop instability.
Table 1. Compensation Values for Typical Output
Voltage /Capacitor Combinations
The values of the compensation components listed in
Table 1 yield a stable control loop for the given output
voltage.
()
5
C
A
2
/
G
f
VEA
EA
1
P
π
=
()
7
C
R
2
/
1
f
LOAD
2
P
π
=
()
5
C
1
R
2
/
1
f 1
Z
π
=
()
C4
R1
1/
f
P3
=
()
LOAD
CS
VEA
OUT
FB
VDC
R
G
A
V
/
V
A
=


Similar Part No. - EUP3410

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
   1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3412JIR1 EUTECH-EUP3412JIR1 Datasheet
509Kb / 11P
   1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3412MIR1 EUTECH-EUP3412MIR1 Datasheet
509Kb / 11P
   1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
   1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
More results

Similar Description - EUP3410

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
   2A,16V,380KHz Step-Down Converter
logo
Monolithic Power System...
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
   2A, 23V, 380KHz Step-Down Converter
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
   2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
   2A, 23V, 380KHz Step-Down Converter
logo
Monolithic Power System...
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
   2A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
   600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
   600KHz, 16V, 2A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com