Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP3412JIR1 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUP3412JIR1
Description  1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3412JIR1 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUP3412JIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP3412JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP3412JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP3412JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP3412JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP3412JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP3412JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP3412JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP3412JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EUP3412
DS3412 Ver1.3 Mar. 2009
2
Pin Configurations
Package Type
Pin Configurations
Package Type
Pin Configurations
MSOP-10
TDFN-10
Pin Description
Name
MSOP-10
TDFN-10
DESCRIPTION
EN
1
1
Chip enable pin. Forcing this pin above 1.5V enables the part. Forcing this
pin below 0.3V shuts down the device. Do not leave EN floating.
VIN
2,3
2,3
Supply voltage input.
GND
4
4
Analog ground.
FB
5
5
Feedback pin.
MODE
6
6
Pulling the MODE pin high allows the device to be forced into fixed
frequency operation.
SW
7,8
7,8
Switch node connection to inductor. This pin connects to the drains of the
internal main and synchronous power MOSFET switches.
PGND
9,10
9,10
Power ground.
Block Diagram
Figure 2.


Similar Part No. - EUP3412JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3410 EUTECH-EUP3410 Datasheet
963Kb / 12P
   2A,16V,380KHz Step-Down Converter
EUP3411 EUTECH-EUP3411 Datasheet
963Kb / 12P
   2A,16V,380KHz Step-Down Converter
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
   1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
More results

Similar Description - EUP3412JIR1

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6301 POWER-LP6301 Datasheet
920Kb / 7P
   1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341 POWER-LP6341 Datasheet
549Kb / 7P
   1.5MHz, 1.5A Step-down Converter With Soft-Start
logo
Eutech Microelectronics...
EUP3010 EUTECH-EUP3010 Datasheet
778Kb / 12P
   1.5MHz,1A Synchronous Step-Down Converter with Soft Start
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
   1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
   1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
   2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
   1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
logo
Lowpower Semiconductor ...
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
   1.5MHz, 1.5A Step-Down Converter
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
   1.5MHz, 1.5A Step-Down Converter
logo
Unisonic Technologies
UD05158 UTC-UD05158 Datasheet
142Kb / 5P
   1.5A, LOW NIOSE 1.5MHZ SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com