Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP3546 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP3546
Description  Dual Power-Distribution Switch with Fault-Blanking
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3546 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP3546 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUP3546
DS3546
Ver1.0
Oct. 2009
1
Dual Power-Distribution Switch
with Fault-Blanking
DESCRIPTION
The EUP3546 incorporates dual 95m
P-channel
MOSFET
power
switches
for
power-distribution
systems that require multiple power switches in a single
package. Each switch is controlled by a logic enable
input.
When either output load exceeds the current-limit
threshold or a short is present, the device limits the
outputs current to a safe level by switching into a
constant-current limit mode with fold back, pulling the
over-current
(OCB(s))
logic
output
low.
When
continuous heavy overloads or short-circuits increase
the power dissipation in the switches, causing the
junction temperature to raise, a thermal protection
circuit shutdown the switches to prevent damage.
Internal Under Voltage Lock-Out (UVLO) circuitry
ensures that the switches remain off until valid input
voltage is present. Each power switch is designed to set
current limit at 1A typically.
OCB(s) are open-drain outputs which are asserted when
over-current occurs. A 8ms fault-blanking feature
enables the circuit to ignore momentary faults, such as
those caused when hot-swapping a capacitive load,
preventing false alarms to the host system. The
EUP3546 eliminates any reversed current flow across
each switch when it is powered off.
The EUP3546 is available in 8-pin SOP package,
operates over the extended (-40
to
+85
) temperature
range.
Typical Application Circuit
FEATURES
Dual 95m
High-Side MOSFET
1A Current Limits with Fold-back
Operating Range:2.7V to 5.5V
300µS Typical Rise Time
Under voltage Lockout
15µA Quiescent Supply Current
1µA Shutdown Supply Current
Logic Level Enable Pin, Available with
Active-Low Version
No Reverse Current when Power Off
Open-Drain Over-Current Flag Outputs with
fault-blanking
Available in SOP-8 Package
RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free
APPLICATIONS
High-Side Power Protection Switch
USB Power Management
USB Host and Self-Powered Bubs
USB Bus-Powered Hubs
Hot Plug-In Power Supplies
Battery-Charger Circuits
Short-Circuit Protections
Figure 1.


Similar Part No. - EUP3546

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3542 EUTECH-EUP3542 Datasheet
98Kb / 1P
   Dual Power-Distribution Switch with Fault-Blanking
EUP3545 EUTECH-EUP3545 Datasheet
92Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
EUP3548A EUTECH-EUP3548A Datasheet
86Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
More results

Similar Description - EUP3546

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3542 EUTECH-EUP3542 Datasheet
98Kb / 1P
   Dual Power-Distribution Switch with Fault-Blanking
EUP3545 EUTECH-EUP3545 Datasheet
92Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
EUP3548A EUTECH-EUP3548A Datasheet
86Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
logo
Maxim Integrated Produc...
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
   Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com