Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F32 Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN25F32
Description  32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F32 Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN25F32 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25F32 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F32 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F32 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F32 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F32 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F32 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F32 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F32 Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
7
EN25F32
Rev. G, Issue Date: 2009/10/16
Table 2. Uniform Block Sector Architecture (Continued)
Block
Sector
Address range
1023
3FF000h
3FFFFFh
63
1008
3F0000h
3F0FFFh
1007
3EF000h
3EFFFFh
62
992
3E0000h
3E0FFFh
991
3DF000h
3DFFFFh
61
976
3D0000h
3D0FFFh
975
3CF000h
3CFFFFh
60
960
3C0000h
3C0FFFh
959
3BF000h
3BFFFFh
59
944
3B0000h
3B0FFFh
943
3AF000h
3AFFFFh
58
928
3A0000h
3A0FFFh
927
39F000h
39FFFFh
57
912
390000h
390FFFh
911
38F000h
38FFFFh
56
896
380000h
380FFFh
895
37F000h
37FFFFh
55
880
370000h
370FFFh
879
36F000h
36FFFFh
54
864
360000h
360FFFh
863
35F000h
35FFFFh
53
848
350000h
350FFFh
847
34F000h
34FFFFh
52
832
340000h
340FFFh
831
33F000h
33FFFFh
51
816
330000h
330FFFh
815
32F000h
32FFFFh
50
800
320000h
320FFFh
799
31F000h
31FFFFh
49
784
310000h
310FFFh
783
30F000h
30FFFFh
48
768
300000h
300FFFh
767
2FF000h
2FFFFFh
47
752
2F0000h
2F0FFFh
751
2EF000h
2EFFFFh
46
736
2E0000h
2E0FFFh
735
2DF000h
2DFFFFh
45
720
2D0000h
2D0FFFh
719
2CF000h
2CFFFFh
44
704
2C0000h
2C0FFFh
703
2BF000h
2BFFFFh
43
688
2B0000h
2B0FFFh


Similar Part No. - EN25F32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F05 EON-EN25F05 Datasheet
422Kb / 31P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05 EON-EN25F05 Datasheet
1Mb / 32P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05-100GI EON-EN25F05-100GI Datasheet
422Kb / 31P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05-100GIP EON-EN25F05-100GIP Datasheet
422Kb / 31P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05-100GIP EON-EN25F05-100GIP Datasheet
1Mb / 32P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
More results

Similar Description - EN25F32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40_1 Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40_1 Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10_11 Datasheet
553Kb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
   16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20 Datasheet
415Kb / 30P
   2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com