Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7903-15VIR1 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUP7903-15VIR1
Description  300mA High PSRR LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7903-15VIR1 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUP7903-15VIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EUP7903
DS7903 Ver 1.0 Nov. 2008
5
Absolute Maximum Ratings (1)
VIN,VEN --------------------------------------------------------------------------------------------
-0.3V to 6V
VOUT -------------------------------------------------------------------------------------- -0.3V to (VIN+0.3V)
Junction Temperature --------------------------------------------------------------------------------
+150℃
Storage Temperature Range ----------------------------------------------------------------- -65℃ to +150℃
Lead Temperature -----------------------------------------------------------------------------------
+260℃
Thermal Resistance θJA (SOT23-5) ---------------------------------------------------------------
220℃/W
ESD Rating
Human Body Model -------------------------------------------------------------------------
2kV
Recommend Operating Conditions (2)
VIN ------------------------------------------------------------------------------------------------ 2.5V to 5.5V
VEN ------------------------------------------------------------------------------------------------
0V to 5.5V
Operating Temperature Range --------------------------------------------------------------- -40℃ to +85℃
Note (1): Stress beyond those listed under “Absolute Maximum Ratings” may damage the device.
Note (2): The device is not guaranteed to function outside the recommended operating conditions.
Electrical Characteristics
TA=25℃, VIN=VOUT+1V, or VIN=2.5V for VOUT<1.5V unless otherwise specified.
EUP7903
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
Input Voltage
2.5
5.5
V
IQ
Quiescent Current
VEN=3.5V, IOUT=0mA
90
130
µA
ISHDN Shutdown Current
VEN=0V
0.1
1
µA
PSRR
Power Supply Ripple
Rejection
VIN=VNOM+1VP-P,f=100Hz,
ILOAD=10mA
75
dB
VFB
FB Pin Voltage
1.225
1.25
1.275
V
Enable
VENH
Enable High Voltage
Over temperature range
1.5
V
VENL
Disable Low Voltage
Over temperature range
0.4
V
IEN
EN Input Current
VIN=3.5V, VEN=3.5V or 0V
-1
0.2
1
µA
TST
Start-up Time
VIN=3.5V, VOUT=2.5V
40
µs
Output voltage
VIN=VOUT+1V, IOUT=10mA
-2
+2
%
VOUT
Output Voltage Accuracy
VIN=VOUT+1V, IOUT=10mA,
TA =-40℃ to +85℃
-3
+3
%
VLNR
Output Line Regulation
VOUT+0.5V<VIN<5.5V, IOUT=10mA
0.01
0.1
%/V
VLDR
Output Load Regulation
1mA < IOUT <300mA,
VIN=VNOM+1.0V
10
16
mV
VDROP
Dropout Voltage (3)
(Applied for VOUT≥2.3V)
IOUT=300mA
180
240
mV
IOUTMAX Maximum Output Current
300
mA
Protection
ILIMIT Current Limit
330
500
mA
TSD
Thermal Shutdown Temperature No Load, VIN=VEN=5V
155
TSDHYS Thermal Shutdown Hysteresis
No Load, VIN=VEN=5V
30
Note (3): Dropout is defined as VIN-VOUT when VOUT is 2% below the value of VOUT for VIN=VOUT+0.5V.


Similar Part No. - EUP7903-15VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-12VIR1 EUTECH-EUP7907-12VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-15VIR1 EUTECH-EUP7907-15VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-18JIR1 EUTECH-EUP7907-18JIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-18VIR1 EUTECH-EUP7907-18VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
More results

Similar Description - EUP7903-15VIR1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com