Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7903-15VIR1 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUP7903-15VIR1
Description  300mA High PSRR LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7903-15VIR1 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUP7903-15VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7903-15VIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EUP7903
DS7903 Ver 1.0 Nov. 2008
9
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Ambient Temperature(
oC)
SOT23-5
Output capacitor
The EUP7903 is designed specifically to work with very
small ceramic output capacitors. A 1uF to 10uF
capacitor with 5mΩ to 500mΩ ESR range is suitable
for the most EUP7903 applications. The ESR of a
typical 1uF ceramic capacitor is around 20mΩ, which
easily meets the ESR requirement for stability.
Capacitor characteristics
More consideration should be taken when selecting the
capacitor because its capacitance can vary with
temperature. The capacitor type X7R or X5R, which
operates over a temperature range of -40
to +
85 , will
only vary within ±15%. However Z5U or T5V
temperature characteristics. Their capacitance can drop
by more than 50% as the temperature goes from 25℃ to
85℃. Therefore the capacitor type X7R or X5R is
recommended in applications where the ambient
temperature will change significantly above or below
25 .
No load Stability
The EUP7903 will remain stable and in regulation with
no external load. This is special important in CMOS
RAM keep-alive applications.
Thermal Considerations
Thermal
protection limits
power
dissipation in
EUP7903.When the device junction temperature exceeds
155°C, the OTP circuit starts the thermal shutdown
function and turns the pass transistor off. The pass
transistor turns on again after the junction temperature
cools down 30°C.
For continuous operation, do not exceed absolute
maximum junction temperature 150°C. The power
dissipation definition in device is:
(EQ.3)
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings
airflow
and
temperature
difference
between junction and ambient. The maximum power
dissipation can be calculated by following formula :
(EQ.4)
Where TJ(MAX) is the maximum operation junction
temperature 125°C, TA is the ambient temperature and
the θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
EUP7903, where TJ(MAX) is the maximum junction
temperature of the die (125°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance θJA is layout dependent. For SOT-23-5
package, the thermal resistance θJA is 220°C/W on the
standard thermal test board. The maximum power
dissipation at TA = 25°C can be calculated by following
formula :
(EQ.5)
for SOT23-5 package
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance θJA. For EUP7903 packages, the Figure 5 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure. 5. Power Dissipation for EUP7903 Package
The EUP7903 is available in the SOT23-5 package.
JA
A
)
MAX
(
J
)
MAX
(
D
)
T
T
(
P
θ
=
Q
IN
OUT
OUT
IN
D
I
V
I
)
V
V
(
P
×
+
×
=
W
445
.
0
220
/
)
C
25
C
125
(
P
)
MAX
(
D
=
°
°
=


Similar Part No. - EUP7903-15VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-12VIR1 EUTECH-EUP7907-12VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-15VIR1 EUTECH-EUP7907-15VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-18JIR1 EUTECH-EUP7907-18JIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-18VIR1 EUTECH-EUP7907-18VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
More results

Similar Description - EUP7903-15VIR1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com