Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7907A-18VIR1 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUP7907A-18VIR1
Description  600mA Low Noise High PSRR Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7907A-18VIR1 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUP7907A-18VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7907A-18VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7907A-18VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7907A-18VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7907A-18VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7907A-18VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7907A-18VIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7907A-18VIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP7907A-18VIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EUP7907A
DS7907A Ver 1.1 Mar. 2009
9
Function Description
The EUP7907A is a high output current, low dropout
linear regulator with fast transient response and high
PSRR. It offers high output accuracy, extremely low
dropout voltage, low quiescent current and fast start-up
time. It is designed to work with low-ESR ceramic
capacitor, reducing the amount of the PCB area. Only a
2.2uF ceramic capacitor can make the device stable over
the whole load range.
As shown in the function block diagram, the
EUP7907A is composed of the bandgap reference
voltage, the error amplifier, P-channel MOSFET pass
transistor, internal resistor divider and some additional
protection circuits. The reference voltage, connected to
the cathode terminal of the error amplifier, compares
with the feedback voltage to regulate the output voltage
to make it constant over the whole load range. If the
feedback voltage is lower than the reference voltage, the
pass transistor gate is pulled low to increase its
conductivity. This allows more current to flow to the
output and increases the output voltage. If the feedback
voltage is higher than the reference voltage, the pass
transistor allows less current to flow to the output. The
feedback point is the output of the internal or external
resistor divider connected to the VOUT pin.
Supply Input Power on Reset
The input voltage supplies current to the output and the
operation voltage of the internal circuit. The input
voltage is monitored for power on reset (POR) to ensure
the regulator is disabled when the input voltage is not
high enough for normal operation. The POR threshold
voltage is 2.1V at VIN rising typically.
Enable/Shutdown
The EUP7907A is disabled when the EN pin is
connected to ground or the voltage less than 0.4V,
reducing the quiescent current to less than 1uA. In the
shutdown mode the error amplifier, the reference voltage,
the driver and the pass transistor are all disabled. Make
this pin higher than 1.5V to enable the device. If this pin
of EUP7907A is floating, the regulator on/off is unstable.
To assure proper operation the EN should be pulled
higher than the level listed in the Electrical
Characteristics section.
Soft Stop
When the regulator is disabled, an internal 400Ω resistor
is connected between VOUT and GND. This is intended to
discharge COUT. The internal resistor is not used when
the device turns on.
Current Limit
The EUP7907A includes a current limit circuit to
monitor the gate voltage of the pass transistor to limit
the output current. When the output current is higher
than the over-current limit, the circuit will clamp the
gate voltage of the pass transistor to keep the current
flowing to the output. The typical value is 0.9A.
Thermal Shutdown
The EUP7907A monitor its temperature automatically.
When the operation junction temperature exceeds 170℃,
the OTP circuit starts the thermal shutdown function to
turn the pass transistor off until it cooled down by 30℃
then the pass transistor turned on again. For continue
operation, do not exceed absolute maximum operation
junction temperature. The circuit is a non-latched
protection.


Similar Part No. - EUP7907A-18VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-12VIR1 EUTECH-EUP7907-12VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-15VIR1 EUTECH-EUP7907-15VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-18JIR1 EUTECH-EUP7907-18JIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-18VIR1 EUTECH-EUP7907-18VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
More results

Similar Description - EUP7907A-18VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
   600mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Maxim Integrated Produc...
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com