Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7907-18JIR1 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP7907-18JIR1
Description  600mA High PSRR Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7907-18JIR1 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUP7907-18JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7907-18JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7907-18JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7907-18JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7907-18JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7907-18JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7907-18JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7907-18JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7907-18JIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
EUP7907
DS7907 Ver 1.1 Oct . 2008
6
Electrical Characteristics (continued)
TA=25℃, VIN=VOUT+1V, or VIN=2.5V for VOUT<1.5V unless otherwise specified
EUP7907
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Protection
ILIMIT
Current Limit
600
900
mA
TSD
Thermal Shutdown
Temperature
No Load, VIN=VEN=5V
170
TSDHYS
Thermal Shutdown
Hysteresis
No Load, VIN=VEN=5V
30
Note 1: Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may remain possibility to affect device reliability.
Note 2: Dropout is defined as VIN-VOUT when VOUT is 100mV below the value of VOUT for VIN=VOUT+0.5V.
Note 3: Test time needed for VOUT to reach 90% of final value


Similar Part No. - EUP7907-18JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-12JIR1 EUTECH-EUP7907A-12JIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-12VIR1 EUTECH-EUP7907A-12VIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-15JIR1 EUTECH-EUP7907A-15JIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-15VIR1 EUTECH-EUP7907A-15VIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
More results

Similar Description - EUP7907-18JIR1

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
   600mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com