Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7914-25NIR1 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUP7914-25NIR1
Description  150mA Low-Noise LDO in SC-82 Without A Bypass Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7914-25NIR1 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

  EUP7914-25NIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7914-25NIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7914-25NIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7914-25NIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7914-25NIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7914-25NIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7914-25NIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7914-25NIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7914-25NIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EUP7914
DS7914 Ver1.0 Nov. 2008
9
Packaging Information
SC-82
MILLIMETERS
INCHES
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
0.80
1.10
0.031
0.044
A1
0.00
0.10
0.000
0.004
b
0.25
0.40
0.010
0.016
b1
0.35
0.50
0.014
0.020
D
2.00
0.079
E
1.80
2.40
0.071
0.094
E1
1.25
0.049
e
1.30
0.051
L
0.21
0.46
0.008
0.018


Similar Part No. - EUP7914-25NIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7910A-33CIR1 EUTECH-EUP7910A-33CIR1 Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7913A EUTECH-EUP7913A Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7915 EUTECH-EUP7915 Datasheet
271Kb / 11P
   150mA Low-Noise LDO in SOT23-5
More results

Similar Description - EUP7914-25NIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7221 EUTECH-EUP7221 Datasheet
99Kb / 1P
   Triple, Low-Noise, High-PSRR, 150mA LDO Without Bypass Capacitor
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7230 EUTECH-EUP7230 Datasheet
72Kb / 1P
   Dual, Low-Noise, High-PSRR, 300mA LDO without Bypass Capacitor
logo
STMicroelectronics
LD39015 STMICROELECTRONICS-LD39015 Datasheet
305Kb / 16P
   Very low noise without bypass capacitor
February 2014 Rev 4
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7915 EUTECH-EUP7915 Datasheet
271Kb / 11P
   150mA Low-Noise LDO in SOT23-5
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com