Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7917-18NIR1 Datasheet(PDF) 11 Page - Eutech Microelectronics Inc

Part # EUP7917-18NIR1
Description  300mA, High PSRR Low-Noise LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7917-18NIR1 Datasheet(HTML) 11 Page - Eutech Microelectronics Inc

Back Button EUP7917-18NIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7917-18NIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7917-18NIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7917-18NIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7917-18NIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7917-18NIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7917-18NIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7917-18NIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP7917-18NIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EUP7917
DS7917 Ver1.2 Mar. 2008
11
Packaging Information
SC-70
MILLIMETERS
INCHES
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
0.80
1.10
0.031
0.044
A1
0.025
0.10
0.001
0.004
b
0.15
0.40
0.006
0.016
D
2.00
0.079
E
1.25
0.049
E1
1.90
2.30
0.075
0.091
e
0.65
0.026
L
0.21
0.46
0.008
0.018


Similar Part No. - EUP7917-18NIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7910A-33CIR1 EUTECH-EUP7910A-33CIR1 Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7913A EUTECH-EUP7913A Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7914 EUTECH-EUP7914 Datasheet
389Kb / 9P
   150mA Low-Noise LDO in SC-82 Without A Bypass Capacitor
More results

Similar Description - EUP7917-18NIR1

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Taiwan Semiconductor Co...
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Taiwan Semiconductor Co...
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com