Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7915-285VIR1 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUP7915-285VIR1
Description  150mA Low-Noise LDO in SOT23-5
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7915-285VIR1 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUP7915-285VIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7915-285VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7915-285VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7915-285VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7915-285VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7915-285VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7915-285VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7915-285VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7915-285VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EUP7915
DS7915 Ver1.4 Apr. 2008
5
Electrical Characteristics
Conditions: VIN=VOUT+0.2V if VOUT≧2.5V, VIN=2.5V if VOUT<2.5V ,VEN=VIN, CIN=1uF, COUT=1uF,TA= -40~ 85℃
Unless otherwise specified. Typical values are at 25℃.
EUP7915
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
Input Voltage
2.5
5.5
V
IOUT=1mA,TA=25℃
-2
2
%
∆VOUT
Output Voltage Accuracy
IOUT=1mA,TA=-40℃ to 85℃
-3
3
%
IOUTMAX Maximum Output Current
TA>0, VIN=VOUT + 0.2V for
VOUT > 3.3V or VIN=VOUT +0.5V
150
mA
ILIMIT
Current Limit
VOUT=VOUT(nom)× 90%, TA>0℃
160
220
400
mA
IOUT=150mA, VOUT<3.3V
140
240
VDROP
Dropout Voltage (Note1)
IOUT=100mA, VOUT>3.3V
60
100
mV
IQ
Quiescent Current
IOUT=1mA
70
160
µA
VLNR
Line Regulation
VIN=(VOUT+0.2V) to 5.5V,
IOUT=1mA
0.02
0.25
%/V
VLDR
Load Regulation
1mA IOUT 100mA
(VIN=VOUT + 0.2V)
1mA IOUT 150mA
(VIN=VOUT + 0.5V)
0.002
0.013
%/mA
ISHDN
Shutdown Supply Current
VEN=0,TA=25℃
1
µA
PSRR
Power Supply Ripple
Rejection
VIN=(VOUT+1V)DC+0.5VP-P f=1kHz,
ILOAD=10mA
75
dB
Output Noise Voltage
(Bypass)
f=10Hz~100kHz, ILOAD=10mA
50
µV
Output Noise Voltage (ADJ) f=10Hz~100kHz, ILOAD=10mA
239
µV
Turn-on Time (Note2)
RLOAD=50Ω,TA=25℃
200
µs
VENL
VENL (Maximum Low Level
Input Voltage at EN)
VIN=2.5V to 5.5V
0.4
V
VENH
VENH (Minimum high Level
Input Voltage at EN)
VIN=2.5V to 5.5V
1.5
V
VEN Input Bias Current
VIN=5.5V, VEN=0 or 5.5V
1
nA
FB Input Bias Current (ADJ
Version)
VIN=5.5V, VFB=1.3V
1
nA
VFB
FB Pin Voltage (ADJ
Version)
TA=25℃
1.176
1.2
1.224
V
TSD
Thermal Shutdown
Temperature
155
∆TSD
Thermal Shutdown
Hysteresis
15
Note 1: The dropout voltage is defined as VIN-VOUT when VOUT is 100mV below the nominal value of VOUT.
Note 2: Test time needed for VOUT to reach 90% of final value.


Similar Part No. - EUP7915-285VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7910A-33CIR1 EUTECH-EUP7910A-33CIR1 Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7913A EUTECH-EUP7913A Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7914 EUTECH-EUP7914 Datasheet
389Kb / 9P
   150mA Low-Noise LDO in SC-82 Without A Bypass Capacitor
More results

Similar Description - EUP7915-285VIR1

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA5051 ETA-ETA5051 Datasheet
262Kb / 1P
   80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
logo
Eutech Microelectronics...
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
logo
Maxim Integrated Produc...
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com