Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7915-48VIR1 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP7915-48VIR1
Description  150mA Low-Noise LDO in SOT23-5
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7915-48VIR1 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUP7915-48VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7915-48VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7915-48VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7915-48VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7915-48VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7915-48VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7915-48VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7915-48VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7915-48VIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EUP7915
DS7915 Ver1.4 Apr. 2008
6
01
234
5
6
0
40
80
120
160
200
I
OUT
=0mA
I
OUT
=120mA
GROUND CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
01
23456
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
OUT
=120mA
I
OUT
=0mA
INPUT VOLTAGE (V)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
-40
-15
10
35
60
85
-0.8
-0.4
0.0
0.4
0.8
I
OUT
=1mA
OUTPUT VOLTAGE ACCURACY vs. TEMPERATURE
Temperature (
oC)
0
20406080
100
120
-0.4
-0.2
0.0
0.2
0.4
OUTPUT VOLTAGE ACCURACY vs. LOAD CURRENT
LOAD CURRENT (mA)
0
20
406080
100
120
0
40
80
120
160
200
GROUND CURRENT vs. LOAD CURRENT
Vin=5.5V
LOAD CURRENT (mA)
Vin=3.3V
Typical Operating Characteristics
0
20406080
100
120
0
40
80
120
(V
OUT
=2.5V, Dropout Voltage=V
IN
-V
OUT
)
Temp=-40
oC
Temp=85
oC
Temp=25
oC
DROPOUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)


Similar Part No. - EUP7915-48VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7910A-33CIR1 EUTECH-EUP7910A-33CIR1 Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7913A EUTECH-EUP7913A Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7914 EUTECH-EUP7914 Datasheet
389Kb / 9P
   150mA Low-Noise LDO in SC-82 Without A Bypass Capacitor
More results

Similar Description - EUP7915-48VIR1

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA5051 ETA-ETA5051 Datasheet
262Kb / 1P
   80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
logo
Eutech Microelectronics...
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
logo
Maxim Integrated Produc...
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com