Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9R64 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT91SAM9R64
Description  AT91 ARM Thumb Microcontrollers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9R64 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM9R64_09 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9R64_09 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9R64_09 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9R64_09 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9R64_09 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9R64_09 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9R64_09 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9R64_09 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9R64_09 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
6289CS–ATARM–28-May-09
AT91SAM9R64/RL64 Preliminary
NAND Flash Support
NANDCS
NAND Flash Chip Select
Output
Low
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
SDRAM Controller
SDCK
SDRAM Clock
Output
SDCKE
SDRAM Clock Enable
Output
High
SDCS
SDRAM Controller Chip Select
Output
Low
BA0 - BA1
Bank Select
Output
SDWE
SDRAM Write Enable
Output
Low
RAS - CAS
Row and Column Signal
Output
Low
SDA10
SDRAM Address 10 Line
Output
Multimedia Card Interface MCI
CK
Multimedia Card Clock
I/O
CDA
Multimedia Card Slot A Command
I/O
DA0 - DA3
Multimedia Card Slot A Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter USARTx
SCKx
USARTx Serial Clock
I/O
SCKx not present on AT91SAM9R64.
TXDx
USARTx Transmit Data
I/O
RXDx
USARTx Receive Data
Input
RTSx
USARTx Request To Send
Output
RTS0, RTS2, RTS3 not present on
AT91SAM9R64.
CTSx
USARTx Clear To Send
Input
CTS0, CTS2, CTS3 not present on
AT91SAM9R64.
DTR0
USART0 Data Terminal Ready
I/O
Not present on AT91SAM9R64.
DSR0
USART0 Data Set Ready
Input
Not present on AT91SAM9R64.
DCD0
USART0 Data Carrier Detect
Output
Not present on AT91SAM9R64.
RI0
USART0 Ring Indicator
Input
Not present on AT91SAM9R64.
Synchronous Serial Controller - SSCx
TD0 - TD1
SSC Transmit Data
Output
TD1 not present on AT91SAM9R64.
RD0 - RD1
SSC Receive Data
Input
RD1 not present on AT91SAM9R64.
TK0 - TK1
SSC Transmit Clock
I/O
TK1 not present on AT91SAM9R64.
RK0 - RK1
SSC Receive Clock
I/O
RK1 not present on AT91SAM9R64.
TF0 - TF1
SSC Transmit Frame Sync
I/O
TF1 not present on AT91SAM9R64.
RF0 - RF1
SSC Receive Frame Sync
I/O
RF1 not present on AT91SAM9R64.
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM9R64_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9R64-CU ATMEL-AT91SAM9R64-CU Datasheet
13Mb / 911P
   Thumb Microcontrollers
AT91SAM9R64-CU ATMEL-AT91SAM9R64-CU Datasheet
12Mb / 903P
   AT91 ARM Thumb Microcontrollers
AT91SAM9R64 ATMEL-AT91SAM9R64_1 Datasheet
12Mb / 903P
   AT91 ARM Thumb Microcontrollers
AT91SAM9R64 ATMEL-AT91SAM9R64_14 Datasheet
12Mb / 903P
   Multi-layer AHB Bus Matrix for Large Bandwidth Transfers
More results

Similar Description - AT91SAM9R64_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com