Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7917-30VIR1 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUP7917-30VIR1
Description  300mA, High PSRR Low-Noise LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7917-30VIR1 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUP7917-30VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7917-30VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7917-30VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7917-30VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7917-30VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7917-30VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7917-30VIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7917-30VIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP7917-30VIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EUP7917
DS7917 Ver1.2 Mar. 2008
9
Application Note
External Capacitors
Like any low-dropout regulator, the EUP7917 requires
external capacitors for regulator stability. The
EUP7917 is specifically designed for portable
applications requiring minimum board space and
smallest components. These capacitors must be
correctly selected for good performance.
Input Capacitor
An input capacitance of 1µF is required between the
EUP7917 input pin and ground (the amount of the
capacitance may be increased without limit).
This capacitor must be located a distance of not more
than 1cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or
film capacitor may be used at the input.
If a tantalum capacitor is used at the input, it must be
guaranteed by the manufacturer to have asurge current
rating sufficient for the application.
There are no requirements for the ESR on the input
capacitor, but tolerance and temperature coefficient
must be considered when selecting the capacitor to
ensure the capacitance will be 1µF over the entire
operating temperature range.
Output Capacitor
The EUP7917 is designed specifically to work with
very small ceramic output capacitors. A ceramic
capacitor (temperature characteristics X7R, X5R, Z5U,
or Y5V) in 1 to 22µF range with 5mΩ to 500mΩ ESR
range is suitable in the EUP7917 application circuit.
The output capacitor must meet the requirement for
minimum amount of capacitance and also have an
ESR (Equivalent Series Resistance) value which is
within a stable range (5mΩ to 500mΩ)
No-Load Stability
The EUP7917 will remain stable and in regulation
with no external load. This is specially important in
CMOS RAM keep-alive applications.
Capacitor Characteristics
The EUP7917 is designed to work with ceramic
capacitors on the output to take advantage of the
benefits they offer: for capacitance values in the range
of 1µF to 4.7µF range, ceramic capacitors are the
smallest, least expensive and have the lowest ESR
values (which makes them best for eliminating high
frequency noise). The ESR of a typical 1µF ceramic
capacitor is in the range of 20mΩ to 40mΩ, which
easily meets the ESR requirement for stability by the
EUP7917.
The ceramic capacitor’s capacitance can vary with
temperature. The capacitor type X7R, which operates
over a temperature range of -55°C to +125°C, will
only vary the capacitance to within ±15%. Most large
value ceramic capacitors (
2.2µF) are manufactured
with Z5U or Y5V temperature characteristics. Their
capacitance can drop by more than 50% as the
temperature goes from 25°C to 85°C. Therefore, X7R
is recommended over Z5U and Y5V in applications
where
the
ambient
temperature
will
change
significantly above or below 25°C.
Noise Bypass Capacitor
Connecting a 0.01µF capacitor between the CBYPASS
pin and ground significantly reduces noise on the
regulator output. This cap is connected directly to a
high impedance node in the bandgap reference circuit.
Any significant loading on this node will cause a
change on the regulated output voltage. For this reason,
DC leakage current through this pin must be kept as
low as possible for best output voltage accuracy. The
types of capacitors best suited for the noise bypass
capacitor are ceramic and film.
Unlike many other LDO’s, addition of a noise
reduction capacitor does not effect the load transient
response of the device.
Adjustable Operation
The adjustable version of the EUP7917 has an output
voltage range of 1.2V to 4.5V. The output voltage of
the EUP7917 adjustable regulator is programmed
using an external resistor divider as shown in Figure3.
The output voltage is calculated using:
Where:
Vref= 1.2V typ. (the internal reference voltage)
Utilize the following equation for adjusting the output
to a particular voltage:
Choose R2=50k to optimize accuracy, power supply
rejection, noise and power consumption.
Figure3. Adjustable Regulator with Resistors
)
R
R
(1
V
V
2
1
ref
O
+
×
=
=
1
1.2V
V
R
R
O
2
1


Similar Part No. - EUP7917-30VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7910A-33CIR1 EUTECH-EUP7910A-33CIR1 Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7913A EUTECH-EUP7913A Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7914 EUTECH-EUP7914 Datasheet
389Kb / 9P
   150mA Low-Noise LDO in SC-82 Without A Bypass Capacitor
More results

Similar Description - EUP7917-30VIR1

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Taiwan Semiconductor Co...
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Taiwan Semiconductor Co...
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com