Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

520PG2C-F2 Datasheet(PDF) 9 Page - HB Electronic Components

Part # 520PG2C-F2
Description  5.0 mm DIA LED LAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

520PG2C-F2 Datasheet(HTML) 9 Page - HB Electronic Components

Back Button 520PG2C-F2 Datasheet HTML 3Page - HB Electronic Components 520PG2C-F2 Datasheet HTML 4Page - HB Electronic Components 520PG2C-F2 Datasheet HTML 5Page - HB Electronic Components 520PG2C-F2 Datasheet HTML 6Page - HB Electronic Components 520PG2C-F2 Datasheet HTML 7Page - HB Electronic Components 520PG2C-F2 Datasheet HTML 8Page - HB Electronic Components 520PG2C-F2 Datasheet HTML 9Page - HB Electronic Components 520PG2C-F2 Datasheet HTML 10Page - HB Electronic Components 520PG2C-F2 Datasheet HTML 11Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
5.0 mm DIA LED LAMP
REV:A / 0
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.10)
HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the LED when making the system design. The coefficient of temperature increase
per input electric power is affected by the thermal resistance of the circuit board and density of
LED placement on the board, as well as other components. It is necessary to avoid intense
heat generation and operate within the maximum ratings given in this specification.
The operating current should be decided after considering the ambient maximum temperature of
LEDs.
CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the LED surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be sued.
(Immersion time: within 3 minutes at room temperature.)
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
--Usable
--Do not use.
DRAWING NO. : DS-35-08-0395
DATE : 2008-12-24
Page :
9
OK!
Fig.10
1Kg
NOTE: Influences of ultrasonic cleaning of the LED
resin body differ depending on such factors
as the oscillator output, size of the PC board
and the way in which the LED is mounted.
Therefore, ultrasonic cleaning should only be
performed after confirming there is no problem by
conducting a test under practical.
520PG2C-F2


Similar Part No. - 520PG2C-F2

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
More results

Similar Description - 520PG2C-F2

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
540R2GBC-CA HB-540R2GBC-CA Datasheet
399Kb / 8P
   5.0 mm DIA LED LAMP
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
520CG6C-F2 HB-520CG6C-F2 Datasheet
334Kb / 9P
   5.0 mm DIA LED LAMP
560JY8C HB-560JY8C Datasheet
412Kb / 8P
   5.0 mm DIA LED LAMP
560PR2C HB-560PR2C Datasheet
318Kb / 8P
   5.0 mm DIA LED LAMP
520PG0C HB-520PG0C Datasheet
223Kb / 3P
   5.0 mm DIA LED LAMP
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
   5.0 mm DIA LED LAMP
560MY8C HB-560MY8C Datasheet
557Kb / 8P
   5.0 mm DIA LED LAMP
520LB7C-F2 HB-520LB7C-F2 Datasheet
328Kb / 11P
   5.0 mm DIA LED LAMP
520HR3C-F2 HB-520HR3C-F2 Datasheet
328Kb / 8P
   5.0 mm DIA LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com