Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

530VW6C Datasheet(PDF) 1 Page - HB Electronic Components

Part # 530VW6C
Description  LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

530VW6C Datasheet(HTML) 1 Page - HB Electronic Components

  530VW6C Datasheet HTML 1Page - HB Electronic Components 530VW6C Datasheet HTML 2Page - HB Electronic Components 530VW6C Datasheet HTML 3Page - HB Electronic Components 530VW6C Datasheet HTML 4Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
1/4
LED SPECIFICATION
Part No./型号:530VW6C
Features/特征:
l Single color/特征
l High bright output/高亮度输出
l Low power consumption/低功耗
l High reliability and long life/可靠性高、寿命长
l Cuprum lead/铜引脚
Descriptions/描述:
l Dice material/芯片材质:GaInN
l Emitting Color/发光颜色:
Super Bright White/高亮度白色
l Device Outline/产品外形:
φ5mm Round Type/5mm 圆形
l Lens Type/胶体颜色:Water Clear/无色透明
NOTE/注意:
l All dimensions are millimeters/单位:mm
l Tolerance is +/-0.25mmunless otherwise
noted/没有标注的公差为±0.25mm
60
°
90
°
1.0
30
°
DIRECTIVITY
0
°
0.5
30
°
60
°
Radiation Angle
0
°
1.0
0.5
90
°
0
Ta=25
° C
IF=20mA


Similar Part No. - 530VW6C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530VG0C HB-530VG0C Datasheet
165Kb / 4P
   LED
530VG2C HB-530VG2C Datasheet
113Kb / 3P
   LED
More results

Similar Description - 530VW6C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com