Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM3G-869-15-5V Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # BIM3G-869-15-5V
Description  433 / 868MHz FM Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM3G-869-15-5V Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button BIM3G-869-15-5V Datasheet HTML 3Page - Radiometrix Ltd BIM3G-869-15-5V Datasheet HTML 4Page - Radiometrix Ltd BIM3G-869-15-5V Datasheet HTML 5Page - Radiometrix Ltd BIM3G-869-15-5V Datasheet HTML 6Page - Radiometrix Ltd BIM3G-869-15-5V Datasheet HTML 7Page - Radiometrix Ltd BIM3G-869-15-5V Datasheet HTML 8Page - Radiometrix Ltd BIM3G-869-15-5V Datasheet HTML 9Page - Radiometrix Ltd BIM3G-869-15-5V Datasheet HTML 10Page - Radiometrix Ltd BIM3G-869-15-5V Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Radiometrix Ltd, BIM2/3G Data Sheet
page 8
Three types of integral antenna are recommended:
A) Helical
Wire coil, connected directly to pin 2, open circuit at other end. This
antenna
is
very
efficient given it's small size (20mm x 4mm dia.). The helical is a high Q antenna, trim the wire
length or expand the coil for optimum results. The helical de-tunes badly with proximity to other
conductive objects.
B) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and fed
from pin 2 at a point 20% from the ground end. Loops have high immunity to proximity de-
tuning.
C) Whip
This is a wire, rod, PCB track or combination connected directly to pin 2 of the module.
Optimum total length is 15.5cm (1/4 wave @ 433MHz). Keep the open circuit (hot) end well
away from metal components to prevent serious de-tuning. Whips are ground plane sensitive
and will benefit from internal 1/4 wave earthed radial(s) if the product is small and plastic cased
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
helical
loop
whip
Ultimate performance
**
*
***
Easy of design set-up
**
*
***
Size
***
**
*
Immunity proximity effects
**
***
*
Range open ground to similar antenna
(for BiM2G-433-15)
200m
100m
300m
Fig.4: Antenna configuration (BiM2G @ 433.92MHz)
Antenna selection chart


Similar Part No. - BIM3G-869-15-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3G-869.85-128-5V RADIOMETRIX-BIM3G-869.85-128-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-869.85-128-CD-5V RADIOMETRIX-BIM3G-869.85-128-CD-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-869.85-15-5V RADIOMETRIX-BIM3G-869.85-15-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-869.85-15-5V-DS RADIOMETRIX-BIM3G-869.85-15-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-869.85-15-CD-5V-DS RADIOMETRIX-BIM3G-869.85-15-CD-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
More results

Similar Description - BIM3G-869-15-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2_12 Datasheet
329Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM2 RADIOMETRIX-BIM2_13 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
Linx Technologies
HUM-868-PRO LINX-HUM-868-PRO Datasheet
3Mb / 59P
   868MHz HumPRO??Series Data Transceiver
2017
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Linx Technologies
HUM-868-DT LINX-HUM-868-DT Datasheet
1Mb / 37P
   868MHz HumDTTM Series Transceiver
2015
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com