Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM3G-869-128-5V Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # BIM3G-869-128-5V
Description  433 / 868MHz FM Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM3G-869-128-5V Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button BIM3G-869-128-5V Datasheet HTML 3Page - Radiometrix Ltd BIM3G-869-128-5V Datasheet HTML 4Page - Radiometrix Ltd BIM3G-869-128-5V Datasheet HTML 5Page - Radiometrix Ltd BIM3G-869-128-5V Datasheet HTML 6Page - Radiometrix Ltd BIM3G-869-128-5V Datasheet HTML 7Page - Radiometrix Ltd BIM3G-869-128-5V Datasheet HTML 8Page - Radiometrix Ltd BIM3G-869-128-5V Datasheet HTML 9Page - Radiometrix Ltd BIM3G-869-128-5V Datasheet HTML 10Page - Radiometrix Ltd BIM3G-869-128-5V Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd, BIM2/3G Data Sheet
page 9
Duty Cycle requirements
The duty cycle is defined as the ratio, expressed as a percentage, of the maximum transmitter “on” time on one
or more carrier frequencies, relative to a one hour period. Where an acknowledgement message is required,
the additional transmitter “on” time shall be included.
There is a 10% duty cycle restriction on 433.050-434.790 MHz band in most of the EU member states.
The BIM2G is a RF module intended to be incorporated into a wide variety of applications and finished
products, Radiometrix has no control over the end use of the BIM2G.The harmonised band 433.050 to 434.790
MHz as detailed in Annex 1 Band E of CEPT/ERC Recommendation 70-03 (which can be downloaded at
http://www.ero.dk/scripts/docmanag98/dm.dll/QueryDoc?Cat=Recommendation)
has list of countries where Duty Cycle restriction apply.
Module users should, therefore, ensure that they comply with the stated Duty Cycle requirements of the version
of CEPT/ERC Recommendation 70-03 in place at the time of incorporation of the BIM2G into their product.
Please refer to Appendix A for duty cycle information on 868MHz band in which the BiM3G operates.
Variants and ordering information
The following variants are standard:
Part number
RF power (dBm)
Data rate (kbps)
Frequency (MHz)
RSSI versions
BIM2G-433-15-5V
+10
15
433.92
BIM2G-433-64-5V
+10
64
433.92
BIM2G-433-128-5V
+10
128
433.92
BIM2G-434-15-5V
+10
15
434.42
BIM2G-434-64-5V
+10
64
434.42
BIM2G-434-128-5V
+10
128
434.42
BIM3G-869-15-5V
+5
15
869.85MHz
BIM3G-869-64-5V
+5
64
869.85MHz
BIM3G-869-128-5V
+5
128
869.85MHz
BIM3G-868-15-5V
+10
15
868.3MHz
BIM3G-868-64-5V
+10
64
868.3MHz
BIM3G-868-128-5V
+10
128
868.3MHz
CD versions
BIM2G-433-15-CD-5V
+10
15
433.92
BIM2G-433-64-CD-5V
+10
64
433.92
BIM2G-433-128-CD-5V
+10
128
433.92
BIM2G-434-15-CD-5V
+10
15
434.42
BIM2G-434-64-CD-5V
+10
64
434.42
BIM2G-434-128-CD-5V
+10
128
434.42
BIM3G-869-15-CD-5V
+5
15
869.85MHz
BIM3G-869-64-CD-5V
+5
64
869.85MHz
BIM3G-869-128-CD-5V
+5
128
869.85MHz
BIM3G-868-15-CD-5V
+10
15
868.3MHz
BIM3G-868-64-CD-5V
+10
64
868.3MHz
BIM3G-868-128-CD-5V
+10
128
868.3MHz
For other frequency variants, please contact sales department.
Evaluation platforms:
1.
Universal Evaluation Kit
2.
NBEK + BiM carrier


Similar Part No. - BIM3G-869-128-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3G-869.85-128-5V RADIOMETRIX-BIM3G-869.85-128-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-869.85-128-CD-5V RADIOMETRIX-BIM3G-869.85-128-CD-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-869.85-15-5V RADIOMETRIX-BIM3G-869.85-15-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-869.85-15-5V-DS RADIOMETRIX-BIM3G-869.85-15-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-869.85-15-CD-5V-DS RADIOMETRIX-BIM3G-869.85-15-CD-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
More results

Similar Description - BIM3G-869-128-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2_12 Datasheet
329Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM2 RADIOMETRIX-BIM2_13 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
Linx Technologies
HUM-868-PRO LINX-HUM-868-PRO Datasheet
3Mb / 59P
   868MHz HumPRO??Series Data Transceiver
2017
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Linx Technologies
HUM-868-DT LINX-HUM-868-DT Datasheet
1Mb / 37P
   868MHz HumDTTM Series Transceiver
2015
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com