Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSR3 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # MSR3
Description  NBFM Multi-channel receiver for 868MHz SRD band
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

MSR3 Datasheet(HTML) 5 Page - Radiometrix Ltd

  MSR3 Datasheet HTML 1Page - Radiometrix Ltd MSR3 Datasheet HTML 2Page - Radiometrix Ltd MSR3 Datasheet HTML 3Page - Radiometrix Ltd MSR3 Datasheet HTML 4Page - Radiometrix Ltd MSR3 Datasheet HTML 5Page - Radiometrix Ltd MSR3 Datasheet HTML 6Page - Radiometrix Ltd MSR3 Datasheet HTML 7Page - Radiometrix Ltd MSR3 Datasheet HTML 8Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Radiometrix Ltd, MSR3 Data Sheet
page 5
MSR3 serial configuration commands
Serial data is sent to the unit on one of the parallel channel select pins (P0). It is very important that the unit
does not 'decode' switch bounce in ordinary operation as a command string, or spurious re-writing of the
e2prom will result. For this reason the user must send the 16-character string ENABLESERIALMODE
(followed by a carriage return) to fully enable the serial command mode before sending any of the command
strings listed below. Command mode is disabled on power down, or on reception of a # character. You must
power the unit to successfully program it.
2400 baud RS232. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits, No flow control
GOCHAN aa
Serial select of channel aa (0 to 31)
LOAD aa nnnnn
Set value of N for channel aa (channels 0 to 31)
SETPAR
Channel selected by 4 bit parallel input (0 to 15)
SETSER
Channel selected by most recent 'gochan' operation
RVALUE rrrr
Enter value for R register
SINGLE nnnnn
Set value of N for single channel operation. N value NOT stored in eeprom
<cr>
Process entry
/
Clear all buffers
#
Disable command mode
aa = a two digit channel number from 00 to 31
nnnnn = synthesizer N register value, (up to 65535)
rrrr = synthesizer R register value, (up to 16383)
kHz
MHz
f
f
R
cing
channelspa
Xtal
25
13
=
=
, So R=520
Notes:
1.
When If an N value greater than 65536 is needed then an offset of +65536 can be selected
by setting bit 15 of the R value high
2.
A pause of at least 50ms must be allowed between command strings (EEPROM
programming time) SINGLE mode does not store the N value in EEPROM. Therefore the
unit is inoperative after a power down until either another valid SINGLE command is
received, or mode is changed by a GOCHAN, SETPAR or SETSER command. SINGLE
mode is intended for frequency agile applications.
3.
/SETPAR command should be issued at the end of channel programming to put the module
back into parallel frequency select mode
4.
User can modify the frequency table of 32channels to any desired frequency by changing N,
R values of synthesizer within
±1.5MHz of factory set Channel 0 frequency subject to the
Radio Regulatory Band Allocation in the country of intended use.
32920
kHz
25
MHz
45
MHz
868
f
IF
f
N
cing
Channelspa
RF
=
=
=


Similar Part No. - MSR3

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSR320R MSPI-MSR320R Datasheet
44Kb / 1P
   Sound Level Category Medium
MSR320SR MSPI-MSR320SR Datasheet
49Kb / 1P
   Sound Level Category Medium
logo
Allen-Bradley
MSR33RT ALLEN-BRADLEY-MSR33RT Datasheet
73Kb / 2P
   Monitoring Safety Relays
MSR35H ALLEN-BRADLEY-MSR35H Datasheet
53Kb / 2P
   Two Hand Relays
MSR35HP ALLEN-BRADLEY-MSR35HP Datasheet
53Kb / 2P
   Two Hand Relays
More results

Similar Description - MSR3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
MSR3 RADIOMETRIX-MSR3_14 Datasheet
141Kb / 8P
   NBFM Multi-channel receiver for 868MHz SRD band
COR3 RADIOMETRIX-COR3 Datasheet
146Kb / 8P
   NBFM Multi-channel receiver for 868MHz SRD band
LMT3 RADIOMETRIX-LMT3 Datasheet
259Kb / 7P
   NBFM Multi-channel transmitter for 868MHz SRD band
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Radiometrix Ltd
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
HMT2 RADIOMETRIX-HMT2 Datasheet
473Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com