Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM2-458-5 Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # TLM2-458-5
Description  NBFM Multi-channel 500mW UHF Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TLM2-458-5 Datasheet(HTML) 7 Page - Radiometrix Ltd

  TLM2-458-5 Datasheet HTML 1Page - Radiometrix Ltd TLM2-458-5 Datasheet HTML 2Page - Radiometrix Ltd TLM2-458-5 Datasheet HTML 3Page - Radiometrix Ltd TLM2-458-5 Datasheet HTML 4Page - Radiometrix Ltd TLM2-458-5 Datasheet HTML 5Page - Radiometrix Ltd TLM2-458-5 Datasheet HTML 6Page - Radiometrix Ltd TLM2-458-5 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Radiometrix Ltd
Hartcran House
231 Kenton Lane
Harrow, Middlesex
HA3 8RP
ENGLAND
Tel: +44 (0) 20 8909 9595
Fax: +44 (0) 20 8909 2233
sales@radiometrix.com
www.radiometrix.com
Copyright notice
This product data sheet is the original work and copyrighted property of Radiometrix Ltd.
Reproduction in whole or in part must give clear acknowledgement to the copyright owner.
Limitation of liability
The information furnished by Radiometrix Ltd is believed to be accurate and reliable.
Radiometrix Ltd reserves the right to make changes or improvements in the design,
specification or manufacture of its subassembly products without notice. Radiometrix Ltd does
not assume any liability arising from the application or use of any product or circuit described
herein, nor for any infringements of patents or other rights of third parties which may result from
the use of its products. This data sheet neither states nor implies warranty of any kind, including
fitness for any particular application. These radio devices may be subject to radio interference
and may not function as intended if interference is present. We do NOT recommend their use
for life critical applications.
The Intrastat commodity code for all our modules is: 8542 6000
R&TTE Directive
After 7 April 2001 the manufacturer can only place finished product on the market under the provisions of
the R&TTE Directive. Equipment within the scope of the R&TTE Directive may demonstrate compliance
to the essential requirements specified in Article 3 of the Directive, as appropriate to the particular
equipment.
Further details are available on The Office of Communications (Ofcom) web site:
http://www.ofcom.org.uk/radiocomms/ifi/
Information Requests
Ofcom
Riverside House
2a Southwark Bridge Road
London SE1 9HA
Tel: +44 (0)845 456 3000 or 020 7981 3040
Fax: +44 (0)20 7783 4033
information.requests@ofcom.org.uk
European Radiocommunications Office (ERO)
Peblingehus
Nansensgade 19
DK 1366 Copenhagen
Tel. +45 33896300
Fax +45 33896330
ero@ero.dk
www.ero.dk


Similar Part No. - TLM2-458-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TLM2A TEC-TLM2A Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
TLM2ADR01FTD TEC-TLM2ADR01FTD Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
TLM2ADR01FTE TEC-TLM2ADR01FTE Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
TLM2ADR01JTD TEC-TLM2ADR01JTD Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
TLM2ADR01JTE TEC-TLM2ADR01JTE Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
More results

Similar Description - TLM2-458-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
HMT2 RADIOMETRIX-HMT2 Datasheet
473Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com