Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

530XG2C Datasheet(PDF) 2 Page - HB Electronic Components

Part # 530XG2C
Description  LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

530XG2C Datasheet(HTML) 2 Page - HB Electronic Components

  530XG2C Datasheet HTML 1Page - HB Electronic Components 530XG2C Datasheet HTML 2Page - HB Electronic Components 530XG2C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:530XG2C
www.ledz.com
2/3
LED SPECIFICATION
Ø Absolute maximum ratings/极限参数(Ta = 25℃)
Values 数值
Parameter
参数
Symbol
符号
Test Condition
测试条件
Min.
Max.
Unit
单位
Reverse Voltage
反向电压
VR
IR = 30μA
5
--
V
Forward Current
正向工作电流
IF
----
----
25
mA
Power Dissipation
损耗功率
Pd
----
----
90
mW
Pulse Current
正向峰值电流
Ipeak
Duty=0.1mS,1kHz
----
100
mA
Operating Temperature
工作温度范围
Topr
----
-40
+85
Storage
Temperature
储存温度范围
Tstr
----
-40
+100
Electrostatic
Discharge Rank
抗静电等级
ESD
MIL-STD883E
(HBM)
Class1
---
Ø Electrical and optical characteristics/光电参数(Ta = 25℃)
Values 数值
Parameter
参数
Symbol
符号
Test Condition
测试条件
Min.
Typ.
Max.
Unit
单位
Forward Voltage
正向电压
VF
IF=20mA
----
3.2
3.6
V
Reverse Current
反向电流
IR
VR=5V
----
----
30
μA
Dominate Wavelength
主波长
λd
IF=20mA
----
525
----
nm
Peak Wavelength
峰值波长
λp
IF=20mA
----
520
----
nm
Spectral Line half-width
半波长宽度
Δλ
IF=20mA
----
35
----
nm
Luminous Intensity
发光强度
IV
IF=20mA
5000
8000
----
mcd
Viewing Angle
指向角度
1/2
IF=20mA
----
26
----
deg.


Similar Part No. - 530XG2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530XB7C HB-530XB7C Datasheet
74Kb / 3P
   LED
530XR2C HB-530XR2C Datasheet
67Kb / 3P
   Single color
530XW8C HB-530XW8C Datasheet
99Kb / 4P
   LED
530XWO4C HB-530XWO4C Datasheet
85Kb / 3P
   LED
530XY8C HB-530XY8C Datasheet
66Kb / 3P
   LED
More results

Similar Description - 530XG2C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com