Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPX1-173-5-12k5-FCC-EAS Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # QPX1-173-5-12k5-FCC-EAS
Description  2 Watt Multi-channel VHF Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

QPX1-173-5-12k5-FCC-EAS Datasheet(HTML) 3 Page - Radiometrix Ltd

  QPX1-173-5-12k5-FCC-EAS Datasheet HTML 1Page - Radiometrix Ltd QPX1-173-5-12k5-FCC-EAS Datasheet HTML 2Page - Radiometrix Ltd QPX1-173-5-12k5-FCC-EAS Datasheet HTML 3Page - Radiometrix Ltd QPX1-173-5-12k5-FCC-EAS Datasheet HTML 4Page - Radiometrix Ltd QPX1-173-5-12k5-FCC-EAS Datasheet HTML 5Page - Radiometrix Ltd QPX1-173-5-12k5-FCC-EAS Datasheet HTML 6Page - Radiometrix Ltd QPX1-173-5-12k5-FCC-EAS Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Radiometrix Ltd
QPX1 Data Sheet
page 3
6. This is a 2 watt output product. Good grounding , good quality aerials, properly mounted, and a
low impedence power supply are required if full performance is to be reliably obtained.
Be aware of the effect that the strong RF fields generated by this device (and it's aerial) can
have upon other adjacent circuitry if this is not properly screened, filtered or otherwise protected.
Regulators, sensitive analogue circuitry, and microprocessors seem especially interference
prone.
Two watts of RF at VHF can cause an unpleasant and painful burn. Be careful.
7. Caution:. The TXD and P1-P3 inputs are not high voltage tolerant. Low voltage logic, or
switches to ground, are required.
8. A simple RS232 voltage tolerant transistor inverter connects pin 14 to PGM
9. Depending on the firmware, some versions use P0-P3 as parallel select. Others use P0 as a
programming input only, and P1-P3 as parallel inputs. Refer to tech support for details.
10. Enable pin (4) may be tied to +Vin
11. Overall thermal power dissipation in normal use is around 4 watts, rising to 6-7 watts under
aerial fault conditions.
12. This design uses the SMX1 mk2 transceiver RF board as an internal component
13. For visual reference, this unit uses an Evatron-type REAS120 extrusion
User interface: Modem mode
The 'modem' mentioned is a 1200 baud RS232 semi-intelligent unit (Transmit keyed when valid serial data is
present, so no separate TX control needed. Coding in the datastream also permits the receiver to ignore
noise and only output valid serial data) This is a half duplex unit, so collisions between transmitted and
received packets must be dealt with by the user.
Pin
Name
Function
1
NC
Leave open
2
TXE
Open = normal modem operation. Low = constant TX (for test). 10K pullup to 5v
3
NC
Leave open
4
ENABLE
Overall unit 'on' (high active, high voltage tolerant)
5
RSSI
DC level between 0.5v and 2.5v. 60dB dynamic range
6
AF out
200mV p-p audio. DC coupled, approx 1v bias. Muted by squelch
7
NC
Leave open
8
NC
Leave open
9
0V
Ground
10
(tba)
Leave open
11
MOD RXD
inverted "RS232" data out (to inverting buffer like MAX232)
12
MOD TXD
RS232 data input (true). 10K pullups to 5v
13
PGM
inverted version of pin 14
14
PGM
Serial programming/control input (true RS232)
15
Vcc
12V DC supply (11-15V). 550mA typ. current drain


Similar Part No. - QPX1-173-5-12k5-FCC-EAS

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
QPX1 RADIOMETRIX-QPX1_12 Datasheet
303Kb / 8P
   2 Watt Multi-channel VHF Transceiver
More results

Similar Description - QPX1-173-5-12k5-FCC-EAS

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
QPX1 RADIOMETRIX-QPX1_12 Datasheet
303Kb / 8P
   2 Watt Multi-channel VHF Transceiver
QPT1 RADIOMETRIX-QPT1_12 Datasheet
311Kb / 8P
   VHF Narrow Band FM 2 Watt multi channel
QPT1 RADIOMETRIX-QPT1 Datasheet
311Kb / 8P
   VHF Narrow Band FM 2 Watt multi channel
logo
List of Unclassifed Man...
SMX1-173-5 ETC2-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
logo
Radiometrix Ltd
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
Texas Instruments
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
logo
Radiometrix Ltd
ENX1 RADIOMETRIX-ENX1 Datasheet
264Kb / 11P
   VHF 12.5kHz channel NBFM TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com