Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM3G-868-15-CD-5V Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # BIM3G-868-15-CD-5V
Description  433 / 868MHz FM Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM3G-868-15-CD-5V Datasheet(HTML) 6 Page - Radiometrix Ltd

Back Button BIM3G-868-15-CD-5V Datasheet HTML 2Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 3Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 4Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 5Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 6Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 7Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 8Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 9Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 10Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Radiometrix Ltd, BIM2/3G Data Sheet
page 6
Typical RSSI characteristic is shown below (this is for indicative purposes only and is not a guarantee
of actual RSSI characteristics):
200
300
400
500
600
700
800
900
1000
1100
-130
-120
-110
-100
-90
-80
-70
-60
-50
RF input level (dBm)
Module mounting considerations
Good RF layout practice should be observed – in particular, any ground return required by the antenna or feed
should be connected directly to the RF GND pin at the antenna end of the module, and not to the OV pin which
is intended as a DC ground only. All connecting tracks should be kept as short as possible to avoid any
problems with stray RF pickup.
If the connection between module and antenna does not form part of the antenna itself, it should be made using
50
Ω microstrip line or coax or a combination of both. It is desirable (but not essential) to fill all unused PCB
area around the module with ground plane.
The module may be potted if required in a viscous compound which cannot enter the screen can
.
Warning: DO NOT wash the module. It is not hermetically sealed.
Figure 3: Typical RSSI


Similar Part No. - BIM3G-868-15-CD-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3G-868.30-128-5V RADIOMETRIX-BIM3G-868.30-128-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-128-CD-5V RADIOMETRIX-BIM3G-868.30-128-CD-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-5V RADIOMETRIX-BIM3G-868.30-15-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-5V-DS RADIOMETRIX-BIM3G-868.30-15-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-CD-5V-DS RADIOMETRIX-BIM3G-868.30-15-CD-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
More results

Similar Description - BIM3G-868-15-CD-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2_12 Datasheet
329Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM2 RADIOMETRIX-BIM2_13 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
Linx Technologies
HUM-868-PRO LINX-HUM-868-PRO Datasheet
3Mb / 59P
   868MHz HumPRO??Series Data Transceiver
2017
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Linx Technologies
HUM-868-DT LINX-HUM-868-DT Datasheet
1Mb / 37P
   868MHz HumDTTM Series Transceiver
2015
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com