Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM3G-868-15-CD-5V Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # BIM3G-868-15-CD-5V
Description  433 / 868MHz FM Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM3G-868-15-CD-5V Datasheet(HTML) 7 Page - Radiometrix Ltd

Back Button BIM3G-868-15-CD-5V Datasheet HTML 3Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 4Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 5Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 6Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 7Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 8Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 9Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 10Page - Radiometrix Ltd BIM3G-868-15-CD-5V Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Radiometrix Ltd, BIM2/3G Data Sheet
page 7
Application Information
Modulation formats and range extension
The module will produce the specified FM deviation with a 2-level digital input to TXD which toggles between
0V and 5V. Reducing the amplitude of the data input from this value reduces the transmitted FM deviation,
typically to ±20-22kHz minimum at 0 - 2.8V. The receiver will cope with this quite happily and no significant
degradation of link performance should be observed.
TXD is normally driven directly by logic levels but will also accept analogue drive, e.g. 2-tone signalling. In this
case it is recommended that TXD (pin 14) should be DC-biased to 1.5V with the modulation AC-coupled and
limited to a maximum of 3V peak-to-peak. The instantaneous modulation voltage must not swing below 0V or
above 3V at any time if waveform distortion and excessive FM deviation is to be avoided – use a resistive
potential divider and/or level shifter to accomplish this if necessary. The varactor modulator in the transmitter
introduces some 2nd harmonic distortion which may be reduced if necessary by predistortion of the analogue
waveform.
At the other end of the link the AF output (pin 13) can be used to drive an external decoder directly.
Although the module baseband response extends down to DC, data formats containing a DC component are
unsuitable and should not be used. This is because frequency errors and drifts between the transmitter and
receiver occur in normal operation resulting in DC offset errors on the AF output.
The time constant of the adaptive data slicer in the BiM2/3G is set at a reasonable compromise to allow the use
of low code speeds where necessary whilst keeping settling times acceptably fast for battery-economised
operation. RXD output on pin 12 is “true” sense, i.e. as originally fed to the transmitter.
Antenna considerations and options
The choice and positioning of transmitter and receiver antennas is of the utmost importance and is the single
most significant factor in determining system range. The following notes are intended to assist the user in
choosing the most effective arrangement for a given application.
Nearby conducting objects such as a PCB or battery can cause detuning or screening of the antenna which
severely reduces efficiency. Ideally the antenna should stick out from the top of the product and be entirely in
the clear, however this is often not desirable for practical or ergonomic reasons and a compromise may need to
be reached. If an internal antenna must be used, try to keep it away from other metal components and pay
particular attention to the “hot” end (i.e. the far end), as this is generally the most susceptible to detuning. The
space around the antenna is as important as the antenna itself.
Microprocessors and microcontrollers tend to radiate significant amounts of radio frequency hash, which can
cause desensitisation of the receiver if its antenna is in close proximity. 433MHz is generally less prone to this
effect than lower frequencies, but problems can still arise. Things become worse as logic speeds increase,
because fast logic edges are capable of generating harmonics across the UHF range which are then radiated
effectively by the PCB tracking. In extreme cases system range can be reduced by a factor of 3 or more. To
minimise any adverse effects, situate the antenna and module as far as possible from any such circuitry and
keep PCB track lengths to the minimum possible. A ground plane can be highly effective in cutting radiated
interference and its use is strongly recommended.
A simple test for interference is to monitor the receiver RSSI output voltage, which should be the same
regardless of whether the microcontroller or other logic circuitry is running or in reset.


Similar Part No. - BIM3G-868-15-CD-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3G-868.30-128-5V RADIOMETRIX-BIM3G-868.30-128-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-128-CD-5V RADIOMETRIX-BIM3G-868.30-128-CD-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-5V RADIOMETRIX-BIM3G-868.30-15-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-5V-DS RADIOMETRIX-BIM3G-868.30-15-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-CD-5V-DS RADIOMETRIX-BIM3G-868.30-15-CD-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
More results

Similar Description - BIM3G-868-15-CD-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2_12 Datasheet
329Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM2 RADIOMETRIX-BIM2_13 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
Linx Technologies
HUM-868-PRO LINX-HUM-868-PRO Datasheet
3Mb / 59P
   868MHz HumPRO??Series Data Transceiver
2017
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Linx Technologies
HUM-868-DT LINX-HUM-868-DT Datasheet
1Mb / 37P
   868MHz HumDTTM Series Transceiver
2015
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com