Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM3G-868-128-CD-5V Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # BIM3G-868-128-CD-5V
Description  433 / 868MHz FM Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM3G-868-128-CD-5V Datasheet(HTML) 3 Page - Radiometrix Ltd

  BIM3G-868-128-CD-5V Datasheet HTML 1Page - Radiometrix Ltd BIM3G-868-128-CD-5V Datasheet HTML 2Page - Radiometrix Ltd BIM3G-868-128-CD-5V Datasheet HTML 3Page - Radiometrix Ltd BIM3G-868-128-CD-5V Datasheet HTML 4Page - Radiometrix Ltd BIM3G-868-128-CD-5V Datasheet HTML 5Page - Radiometrix Ltd BIM3G-868-128-CD-5V Datasheet HTML 6Page - Radiometrix Ltd BIM3G-868-128-CD-5V Datasheet HTML 7Page - Radiometrix Ltd BIM3G-868-128-CD-5V Datasheet HTML 8Page - Radiometrix Ltd BIM3G-868-128-CD-5V Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Radiometrix Ltd, BIM2/3G Data Sheet
page 3
RXD
pin 12
Digital output from internal data slicer. The output is a squared version of the signal on pin 13 (AF) and may be
used to drive a decoder directly. The data is true data, i.e. as fed to the transmitter. Output is “open-collector”
format with internal 10k
Ω pullup to Vcc (pin 17).
AF
pin 13
Buffered & filtered analogue output from FM demodulator. Standing DC bias of 1V approx. Useful for test
purposes or for driving external decoders. External load should be >10k
Ω // <100pF
TXD
pin 14
This DC-coupled transmitter modulation input will accept either serial digital data or high level linear signals.
Drive signal must be limited to 0V min, 5V max. See page 7 for suggested drive methods. Input impedance
>50k
Ω.
TX select
pin 15
Active-low Transmit select. 47k
Ω internal pull-up to Vcc.
RX select
pin 16
Active-low Receive select. 47k
Ω internal pull-up to Vcc.
Pin 15 TX
Pin 16 RX
Function
1
1
Power down (<10
µA)
1
0
Receiver enabled
0
1
Transmitter enabled
0
0
Self test loop-back*
* Loop-back allows the receiver to monitor the transmitted signal. Under these conditions the Tx radiated signal
level will be reduced to approximately -10dBm).
Vcc
pin 17
+5V DC +ve supply pin. The supply should be clean, <20mVP-P ripple.


Similar Part No. - BIM3G-868-128-CD-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3G-868.30-128-5V RADIOMETRIX-BIM3G-868.30-128-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-128-CD-5V RADIOMETRIX-BIM3G-868.30-128-CD-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-5V RADIOMETRIX-BIM3G-868.30-15-5V Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-5V-DS RADIOMETRIX-BIM3G-868.30-15-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM3G-868.30-15-CD-5V-DS RADIOMETRIX-BIM3G-868.30-15-CD-5V-DS Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
More results

Similar Description - BIM3G-868-128-CD-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2_12 Datasheet
329Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM2 RADIOMETRIX-BIM2_13 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
Linx Technologies
HUM-868-PRO LINX-HUM-868-PRO Datasheet
3Mb / 59P
   868MHz HumPRO??Series Data Transceiver
2017
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Linx Technologies
HUM-868-DT LINX-HUM-868-DT Datasheet
1Mb / 37P
   868MHz HumDTTM Series Transceiver
2015
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com