Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49180 Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # W49180
Description  Super high flux output and high luminance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

W49180 Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button W49180 Datasheet HTML 5Page - Seoul Semiconductor W49180 Datasheet HTML 6Page - Seoul Semiconductor W49180 Datasheet HTML 7Page - Seoul Semiconductor W49180 Datasheet HTML 8Page - Seoul Semiconductor W49180 Datasheet HTML 9Page - Seoul Semiconductor W49180 Datasheet HTML 10Page - Seoul Semiconductor W49180 Datasheet HTML 11Page - Seoul Semiconductor W49180 Datasheet HTML 12Page - Seoul Semiconductor W49180 Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Rev. 01
Rev. 01
May 2009
May 2009
www.acriche.com
www.acriche.com
9
Document No. : SSC-QP-7-07-24 (Rev.00)
1-1. Pure White
(TJMAX = 145 ºC, @350mA)
1-2. Pure White
(TJMAX = 145 ºC, @700mA)
0
255075
100
125
150
0
50
100
150
200
250
300
350
400
Rja
T = 60
oC/W
Rja
T = 50
oC/W
Rja
T = 40
oC/W
Rja
T = 30
oC/W
Ambient Temperature [
oC]
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
Rja
T = 35
oC/W
Rja
T = 30
oC/W
Rja
T = 25
oC/W
Rja
T = 20
oC/W
Ambient Temperature [
oC]
Ambient Temperature vs Allowable Forward Current


Similar Part No. - W49180

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
More results

Similar Description - W49180

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
   Super high Flux output and high Luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com