Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49180 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # W49180
Description  Super high flux output and high luminance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

W49180 Datasheet(HTML) 4 Page - Seoul Semiconductor

  W49180 Datasheet HTML 1Page - Seoul Semiconductor W49180 Datasheet HTML 2Page - Seoul Semiconductor W49180 Datasheet HTML 3Page - Seoul Semiconductor W49180 Datasheet HTML 4Page - Seoul Semiconductor W49180 Datasheet HTML 5Page - Seoul Semiconductor W49180 Datasheet HTML 6Page - Seoul Semiconductor W49180 Datasheet HTML 7Page - Seoul Semiconductor W49180 Datasheet HTML 8Page - Seoul Semiconductor W49180 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Rev. 01
Rev. 01
May 2009
May 2009
www.acriche.com
www.acriche.com
4
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Pure White (W49180)
1-1 Electro-Optical characteristics at IF=350mA, TA=25ºC
1-2 Absolute Maximum Ratings
Thermal resistance [6]
Thermal resistance [5]
View Angle
Forward Voltage [4]
CRI
Correlated Color Temperature [3]
Luminous Flux [1]
Parameter
lm
-
105
-
ФV [2]
ºC /W
8.8
J-B
ºC /W
7.2
J-C
V
4
3.25
3.0
VF
K
-
6300
-
CCT
Max
Typ
Min
-
75
deg.
93
2Θ ½
-
-
Ra
Unit
Value
Symbol
mA
1000 (@ Tj = 90 ºC) [7]
IF
Forward Current
1800 (@ 1KHz, 1/10 duty)
W
4
Pd
Power Dissipation
ºC
145(@ IF ≤ 700mA)
Tj
Junction Temperature
-
±
10,000V HBM
-
ESD Sensitivity [8]
ºC
-40 ~ +100
Tstg
Storage Temperature
ºC
-40 ~ +85
Topr
Operating Temperature
Unit
Value
Symbol
Parameter
*Notes :
[1] SSC maintains a tolerance of
±10% on flux and power measurements.
[2] ФV is the total luminous flux output as measured with an integrated sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. CCT
±5% tester tolerance.
[4] A tolerance of
±0.06V on forward voltage measurements
[5], [6] RθJ-B is measured with a SSC metal core pcb.(25 ºC ≤TJ ≤ 110 ºC)
J-C is measured with only emitter. (25 ºC ≤TJ ≤ 110 ºC)
Break voltage of Metal PCB is 6.5kVAC.
[7] IF Max is guaranteed under the TJ ≤90 ºC.
[8] It is included the zener chip to protect the product from ESD.
-------------------------------------------------Caution----------------------------------------
1. Please do not drive at rated current more than 5 sec. without proper heat sink.
Characteristics for Z-Power LED


Similar Part No. - W49180

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
More results

Similar Description - W49180

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
   Super high Flux output and high Luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com