Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88RF04C Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88RF04C
Description  13.56 MHz CryptoRF EEPROM Memory 4 Kbits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF04C Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT88RF04C Datasheet HTML 2Page - ATMEL Corporation AT88RF04C Datasheet HTML 3Page - ATMEL Corporation AT88RF04C Datasheet HTML 4Page - ATMEL Corporation AT88RF04C Datasheet HTML 5Page - ATMEL Corporation AT88RF04C Datasheet HTML 6Page - ATMEL Corporation AT88RF04C Datasheet HTML 7Page - ATMEL Corporation AT88RF04C Datasheet HTML 8Page - ATMEL Corporation AT88RF04C Datasheet HTML 9Page - ATMEL Corporation AT88RF04C Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
AT88RF04C
8672AS–CRRF–04/09
11.2. Password Verification
Passwords may be used to protect user zone read and/or write access. When a password is presented using the
Check Password command, it is memorized and active until power is removed unless a new password is presented or
a valid DESELECT or IDLE command is received. Only one password is active at a time, but write passwords also give
read access.
11.3. Authentication Protocol
The access to a user zone may be protected by an authentication protocol in addition to password dependent rights.
Passwords are encrypted in Authentication Communication Security mode. The authentication success is memorized
and active as long as the chip is powered, unless a new authentication is initialized or a valid DESELECT or IDLE
command is received. If the new authentication request is not validated, the card loses its previous authentication and it
must be presented again. Only the last request is memorized.
11.4. Encryption
The data exchanged between the card and the reader during Read, Write, and Check Password commands may be
encrypted to ensure data confidentiality.
The issuer may choose to protect the access to a user zone with an encryption key by settings made in the
configuration memory. In that case, activation of the Encryption Communication Security mode is required in order to
read/write data in the zone.
The encryption activation success is memorized and active as long as the chip is powered, unless a new initialization is
initiated or a valid DESELECT or IDLE command is received. If the new encryption activation request is not validated,
the card will no longer encrypt data during read operations nor will it decrypt data received during write or Check
Password operations.
11.5. Checksum
The PICC implements a data validity check function in the form of a checksum. The checksum may function in
standard or cryptographic mode. In the standard mode, the checksum is optional and may be used for transmission
error detection. The cryptographic mode is more powerful since it provides data origin authentication capability in the
form of a Message Authentication Code (MAC). To write data to the device, the host is required to compute a valid
MAC and provide it to the device. If after an ingoing command the device computes a MAC different from the MAC
transmitted by the host, not only is the command abandoned but the cryptographic mode is also reset. A new
authentication is required to reactivate the cryptographic mode.
11.6. Initial Device Programming
CryptoRF is delivered with all security features disabled. To program the polling response or enable the security
features of CryptoRF the device must be personalized by programming several registers. This is accomplished by
programming the configuration memory using simple write and read commands. AT88RF04C supports an optional
Secure Personalization mode which encrypts the secrets during programming.
11.7. Transport Password
To gain access to the configuration memory, a transport password known as the secure code must be presented using
the Check Password command. The transport password for AT88RF04C is $30 1D D2.
12.
Tuning Capacitance
The capacitance between the coil pins AC1 and AC2 is 82 pF nominal and may vary ±10 pF due to process variation.


Similar Part No. - AT88RF04C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF04C ATMEL-AT88RF04C Datasheet
896Kb / 158P
   CryptoRF Specification
AT88RF04C-MR1G ATMEL-AT88RF04C-MR1G Datasheet
896Kb / 158P
   CryptoRF Specification
AT88RF04C-MX1G ATMEL-AT88RF04C-MX1G Datasheet
896Kb / 158P
   CryptoRF Specification
AT88RF04C-MY1G ATMEL-AT88RF04C-MY1G Datasheet
896Kb / 158P
   CryptoRF Specification
AT88RF04C-WA1 ATMEL-AT88RF04C-WA1 Datasheet
896Kb / 158P
   CryptoRF Specification
More results

Similar Description - AT88RF04C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
248Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
138Kb / 9P
   CryptoRF EEPROM Memory 64 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_06 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com