Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

599HR3C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 599HR3C
Description  LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

599HR3C Datasheet(HTML) 3 Page - HB Electronic Components

  599HR3C Datasheet HTML 1Page - HB Electronic Components 599HR3C Datasheet HTML 2Page - HB Electronic Components 599HR3C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:599HR3C
www.ledz.com
3/3
LED SPECIFICATION
Ø Typical electrical/optical characteristic curves/光电特性曲线:
Ambient Temperature TA ()
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
Fig.4 相对亮度 Vs. 环境温度
Fig.1 正向电流 Vs. 正向电压
Fig.2 相对亮度 Vs. 正向电流
Fig.3 正向电流 Vs. 环境温度
2.5
50
40
50
40
1.5
1.0
0
0.5
30
20
10
0
50
Forward Voltage(V)
30
2.2
1.8
1.0
1.4
2.6
10
20
0
3.0
IF-Forward Current (mA)
30
10
0
20
Ambient Temperature TA ()
0
40
20
80
60
100
40
2.0
Fig.5 辐射强度 Vs. 波长
Wavelength λ(nm)
750
450
500
600
550
650
700
75
25
50
0
100


Similar Part No. - 599HR3C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5990-6583EN KEYSIGHT-5990-6583EN Datasheet
1Mb / 18P
   M9290A CXA-m PXIe X-Series Signal Analyzer
5990-6583EN KEYSIGHT-5990-6583EN Datasheet
2Mb / 28P
   M9420A VXT PXIe Vector Transceiver
5990-6583EN KEYSIGHT-5990-6583EN Datasheet
1Mb / 29P
   M9421A VXT PXIe Vector Transceiver
5990-8465EN KEYSIGHT-5990-8465EN Datasheet
1Mb / 18P
   M9290A CXA-m PXIe X-Series Signal Analyzer
5990-8465EN KEYSIGHT-5990-8465EN Datasheet
2Mb / 28P
   M9420A VXT PXIe Vector Transceiver
More results

Similar Description - 599HR3C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com