Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3A3128 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT32UC3A3128
Description  AVR32 32-Bit Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A3128 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT32UC3A3128 Datasheet HTML 1Page - ATMEL Corporation AT32UC3A3128 Datasheet HTML 2Page - ATMEL Corporation AT32UC3A3128 Datasheet HTML 3Page - ATMEL Corporation AT32UC3A3128 Datasheet HTML 4Page - ATMEL Corporation AT32UC3A3128 Datasheet HTML 5Page - ATMEL Corporation AT32UC3A3128 Datasheet HTML 6Page - ATMEL Corporation AT32UC3A3128 Datasheet HTML 7Page - ATMEL Corporation AT32UC3A3128 Datasheet HTML 8Page - ATMEL Corporation AT32UC3A3128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
32072AS–AVR32–03/09
Features
High Performance, Low Power AVR®32 UC 32-Bit Microcontroller
– Compact Single-Cycle RISC Instruction Set Including DSP Instruction Set
– Read-Modify-Write Instructions and Atomic Bit Manipulation
– Performing 1.49DMIPS/MHz
• Up to 91DMIPS Running at 66MHz from Flash (1 Wait-State)
• Up to 54 DMIPS Running at 36MHz from Flash (0 Wait-State)
– Memory Protection Unit
Multi-Layer Bus System
– High-Performance Data Transfers on Separate Buses for Increased Performance
– 8 Peripheral DMA Channels (PDCA) Improves Speed for Peripheral
Communication
– 4 generic DMA Channels for High Bandwidth Data Paths
Internal High-Speed Flash
– 256KBytes, 128KBytes, 64KBytes versions
– Single-Cycle Flash Access up to 36MHz
– Prefetch Buffer Optimizing Instruction Execution at Maximum Speed
– 4 ms Page Programming Time and 8ms Full-Chip Erase Time
– 100,000 Write Cycles, 15-year Data Retention Capability
– Flash Security Locks and User Defined Configuration Area
Internal High-Speed SRAM
– 64KBytes Single-Cycle Access at Full Speed, Connected to CPU Local Bus
– 64KBytes on the Multi-Layer Bus System
Interrupt Controller
– Autovectored Low Latency Interrupt Service with Programmable Priority
System Functions
– Power and Clock Manager Including Internal RC Clock and One 32KHz Oscillator
– Two Multipurpose Oscillators and Two Phase-Lock-Loop (PLL),
– Watchdog Timer, Real-Time Clock Timer
External Memories
– Support SDRAM, SRAM, NandFlash (1-bit and 4-bit ECC), Compact Flash
– Up to 66 MHz
External Storage device support
– MultiMediaCard (MMC), Secure-Digital (SD), SDIO V1.1
– CE-ATA, FastSD, SmartMedia, Compact Flash
– Memory Stick: Standard Format V1.40, PRO Format V1.00, Micro
– IDE Interface
One Advanced Encryption System (AES) for AT32UC3A3256S, AT32UC3A3128S
and AT32UC3A364S
– 256-, 192-, 128-bit Key Algorithm, Compliant with FIPS PUB 197 Specifications
– Buffer Encryption/Decryption Capabilities
Universal Serial Bus (USB)
– High-Speed USB (480Mbit/s) Device/MiniHost with On-The-Go (OTG)
– Flexible End-Point Configuration and Management with Dedicated DMA Channels
– On-Chip Transceivers Including Pull-Ups
One 8-channel 10-bit Analog-To-Digital Converter, multiplexed with Digital IOs.
Two Three-Channel 16-bit Timer/Counter (TC)
Four Universal Synchronous/Asynchronous Receiver/Transmitters (USART)
– Independent Baudrate Generator, Support for SPI, IrDA and ISO7816 interfaces
AVR®32
32-Bit
Microcontroller
AT32UC3A3256S
AT32UC3A3256
AT32UC3A3128S
AT32UC3A3128
AT32UC3A364S
AT32UC3A364
Summary
Preliminary


Similar Part No. - AT32UC3A3128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3128 ATMEL-AT32UC3A3128 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32UC3A3128 ATMEL-AT32UC3A3128 Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32UC3A3128 ATMEL-AT32UC3A3128 Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3A3128 ATMEL-AT32UC3A3128 Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
AT32UC3A3128-ALUR ATMEL-AT32UC3A3128-ALUR Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A3128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com