Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3A364S Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT32UC3A364S
Description  AVR32 32-Bit Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A364S Datasheet(HTML) 2 Page - ATMEL Corporation

  AT32UC3A364S Datasheet HTML 1Page - ATMEL Corporation AT32UC3A364S Datasheet HTML 2Page - ATMEL Corporation AT32UC3A364S Datasheet HTML 3Page - ATMEL Corporation AT32UC3A364S Datasheet HTML 4Page - ATMEL Corporation AT32UC3A364S Datasheet HTML 5Page - ATMEL Corporation AT32UC3A364S Datasheet HTML 6Page - ATMEL Corporation AT32UC3A364S Datasheet HTML 7Page - ATMEL Corporation AT32UC3A364S Datasheet HTML 8Page - ATMEL Corporation AT32UC3A364S Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
2
32072AS–AVR32–03/09
AT32UC3A3
– Support for Hardware Handshaking, RS485 Interfaces and Modem Line
Two Master/Slave Serial Peripheral Interfaces (SPI) with Chip Select Signals
One Synchronous Serial Protocol Controller
– Supports I2S and Generic Frame-Based Protocols
Two Master/Slave Two-Wire Interface (TWI), 400kbit/s I2C-compatible
On-Chip Debug System (JTAG interface)
– Nexus Class 2+, Runtime Control, Non-Intrusive Data and Program Trace
110 General Purpose Input/Output (GPIOs)
– Standard or High Speed mode
– Toggle capability: up to 66MHz
144-pin TBGA and LQFP
Single 3.3V Power Supply


Similar Part No. - AT32UC3A364S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A364S ATMEL-AT32UC3A364S Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32UC3A364S ATMEL-AT32UC3A364S Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32UC3A364S ATMEL-AT32UC3A364S Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3A364S ATMEL-AT32UC3A364S Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
AT32UC3A364S-ALUR ATMEL-AT32UC3A364S-ALUR Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A364S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com