Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6T39007ANLGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 6T39007ANLGI
Description  CLOCK DISTRIBUTION CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

6T39007ANLGI Datasheet(HTML) 3 Page - Integrated Device Technology

  6T39007ANLGI Datasheet HTML 1Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 2Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 3Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 4Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 5Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 6Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 7Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 8Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IDT6T39007A
CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
IDT™ CLOCK DISTRIBUTION CIRCUIT
3
IDT6T39007A REV G 111009
16
OUT2
Output
Buffered LVDS output. Outputs tri-state when disabled.
17
OUT1B
Output
Buffered LVDS output. Outputs tri-state when disabled.
18
OUT1
Output
Buffered LVDS output. Outputs tri-state when disabled.
19
GND
Power
Connect to ground.
20
VDD
Power
Connect to +2.5 V.
21
LVCMOS_INB
Input
Connect to primary LVCMOS input INB. See table above.
22
SEL
Input
Select pin for primary inputs. See table above. Internal pull-up resistor.
23
TCXO_INA
Input
Connect to TCXO input.
24
VDDO1
Power
Connect to +3.0 V.
Pin
Number
Pin
Name
Pin
Type
Pin Description


Similar Part No. - 6T39007ANLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6T39007ANLGI RENESAS-6T39007ANLGI Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
6T39007ANLGI8 RENESAS-6T39007ANLGI8 Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
More results

Similar Description - 6T39007ANLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
   CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
   CLOCK DISTRIBUTION CIRCUIT
061711
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
   Multichannel clock distribution circuit
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
January 2010 Rev 2
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
   Multi-channel clock distribution circuit
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com