Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII9127 Datasheet(PDF) 2 Page - Silicon image

Part # SII9127
Description  PinnaClear HDMI Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9127 Datasheet(HTML) 2 Page - Silicon image

  SII9127 Datasheet HTML 1Page - Silicon image SII9127 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiI9127 Starter Kit
(CP9127HDMI)
Contents include:
Hardware
• SiI9127 HDMI 1.3 receiver
daughter board
• SiI9134 HDMI 1.3 transmitter
daughter board
• Motherboard
• HDMI to HDMI cable
• AC power supply
Software
• Windows debug
software tool
Documentation
• User's guide
• Schematics
• Bill of materials (BOM)
SiI9127 Features
Industry-Standard Compliance
•HDMI 1.3
• EIA/CEA-861D
•DVI 1.0
• HDCP 1.1
Digital Video Input/Output
• Two HDMI 1.3 ports
• Supports DTV resolutions up to 1080p @
60Hz or 720p/1080i @ 120Hz with 36-bit
color depth
• Flexible digital video interface:
- 24/30/36-bit RGB/YCbCr 4:4:4
- 16/20/24-bit YCbCr 4:2:2
- 8/10/12-bit YCbCr 4:2:2 (ITU-R BT.656)
• Integrated x.v.Color and RGB color space
converter for both RGB-to-YCbCr and
YCbCr-to-RGB (both 601 and 709) with true
12-bit accurate data using 14-bit processing
• 4:2:2 to 4:4:4 converter with 12-bit accurate
data using 14-bit processing
Digital Audio Input/Output
•I2S audio output with one data signal for
stereo formats
• S/PDIF output supports PCM, Dolby Digital,
DTS digital audio transmission (32-192 kHz
Fs sample rate)
• IEC60958 or IEC61937 compatible
• Flexible, programmable I2S channel mapping
• 2:1 and 4:1 down-sampling to handle 96 kHz
and 192 kHz audio streams.
• Intelligent audio mute capabilities avoids pops
and noise
• Automatic soft mute and soft un-mute
HDCP
• Integrated HDCP decryption engine for receiv-
ing protected audio and video content:
• Pre-programmed HDCP keys provide highest
level of security and simplify manufacturing
• Built in HDCP BIST
HDMI Receiver Programming Interface
• Minimal software overhead to control device
• Automatic Video and Audio Control
• Automatic mute and un-mute of audio
• Default values can be loaded from NVM after
reset to operate without microcontroller
Built-in Consumer Electronics Control
• HDMI-compliant CEC I/O simplifies design
and lowers cost
• Integrated CEC Programming Interface (CPI)
lowers software overhead
• Automatic Feature Abort response for unsup-
ported commands
• Automatic message retry on transmit
• Integrated EDID in non-volatile memory
• Optional registers to override EDIDs
Power Management
• Flexible power management
• Separate Standby power pin
• Standby power can be obtained locally or
from HDMI +5V signal
• Extremely low standby power
Package
• 20mm x 20mm 128-pin TQFP with ePad
Copyright © 2008 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI9223, PinnaClear, and the PinnaClear logo are trademarks or registered trademarks of Silicon Image, Inc. in the
United States and/or other countries. HDMI, the HDMI logo, High-Definition Multimedia Interface, are trademarks or registered trademarks in the United States and/or other countries and are used under license
from HDMI Licensing, LLC. All other trademarks are the property of their respective owner in the United States and/or other countries. Product specifications are subject to change without notice.
Part Number: SiI9127CTU
SiI-PB-1033 rev1 2/08
Silicon Image, Inc.
1060 E. Arques Avenue
Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com


Similar Part No. - SII9127

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9125 SILICONIMAGE-SII9125 Datasheet
255Kb / 2P
   VastLane??HDMI Receiver
More results

Similar Description - SII9127

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9223 SILICONIMAGE-SII9223 Datasheet
188Kb / 2P
   PinnaClear HDMI Receiver
SII9153 SILICONIMAGE-SII9153 Datasheet
186Kb / 2P
   PinnaClear??HDMI Input Processor
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
SII9025 SILICONIMAGE-SII9025 Datasheet
260Kb / 2P
   VastLane??HDMI Receiver
SII9133 SILICONIMAGE-SII9133 Datasheet
264Kb / 2P
   VastLane??HDMI Receiver
SII9125 SILICONIMAGE-SII9125 Datasheet
255Kb / 2P
   VastLane??HDMI Receiver
logo
Zoran Corporation
HDM-R1 ZORAN-HDM-R1 Datasheet
296Kb / 2P
   HDMI Receiver IP Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com