Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1338-18DVGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 1338-18DVGI8
Description  REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1338-18DVGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  1338-18DVGI8 Datasheet HTML 1Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 2Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 3Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 4Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 5Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 6Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 7Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 8Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
IDT1338
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
RTC
IDT™ REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM 4
IDT1338
REV J 111009
ESR (Effective Series Resistance)
Choose the crystal with lower ESR. A low ESR helps the
crystal to start up and stabilize to the correct output
frequency faster compared to high ESR crystals.
Frequency Tolerance
The frequency tolerance for 32 KHz crystals should be
specified at nominal temperature (+25°C) on the crystal
manufacturer datasheet. The crystals used with IDT1338
typically have a frequency tolerance of +/-20ppm at +25°C.
Specifications for a typical 32kHz crystal used with our
device are shown in the table below.
PCB Design Consideration
Signal traces between IDT device pins and the crystal
must be kept as short as possible. This minimizes
parasitic capacitance and sensitivity to crosstalk and
EMI. Note that the trace capacitances play a role in the
effective crystal load capacitance calculation.
Data lines and frequently switching signal lines should be
routed as far away from the crystal connections as
possible. Crosstalk from these signals may disturb the
oscillator signal.
Reduce the parasitic capacitance between X1 and X2
signals by routing them as far apart as possible.
The oscillation loop current flows between the crystal and
the load capacitors. This signal path (crystal to CL1 to
CL2 to crystal) should be kept as short as possible and
ideally be symmetric. The ground connections for both
capacitors should be as close together as possible.
Never route the ground connection between the
capacitors all around the crystal, because this long
ground trace is sensitive to crosstalk and EMI.
To reduce the radiation / coupling from oscillator circuit,
an isolated ground island on the GND layer could be
made. This ground island can be connected at one point
to the GND layer. This helps to keep noise generated by
the oscillator circuit locally on this separated island. The
ground connections for the load capacitors and the
oscillator should be connected to this island.
PCB Layout
PCB Assembly, Soldering and Cleaning
Board-assembly production process and assembly quality
can affect the performance of the 32 KHz oscillator.
Depending on the flux material used, the soldering process
can leave critical residues on the PCB surface. High
humidity and fast temperature cycles that cause humidity
condensation on the printed circuit board can create
process residuals. These process residuals cause the
insulation of the sensitive oscillator signal lines towards
each other and neighboring signals on the PCB to decrease.
High humidity can lead to moisture condensation on the
surface of the PCB and, together with process residuals,
reduce the surface resistivity of the board. Flux residuals on
the board can cause leakage current paths, especially in
humid environments. Thorough PCB cleaning is therefore
highly recommended in order to achieve maximum
performance by removing flux residuals from the board after
assembly. In general, reduction of losses in the oscillator
circuit leads to better safety margin and reliability.
Parameter
Symbol
Min
Typ
Max Units
Nominal Freq.
fO
32.768
kHz
Series Resistance
ESR
50
k
Load Capacitance
CL
12.5
pF


Similar Part No. - 1338-18DVGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1338-18DVGI8 IDT-1338-18DVGI8 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
More results

Similar Description - 1338-18DVGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338_10 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com