Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1338-31DVGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 1338-31DVGI
Description  REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1338-31DVGI Datasheet(HTML) 3 Page - Integrated Device Technology

  1338-31DVGI Datasheet HTML 1Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 2Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 3Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 4Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 5Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 6Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 7Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 8Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
IDT1338
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
RTC
IDT™ REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM 3
IDT1338
REV J 111009
Typical Operating Circuit
Detailed Description
The following sections discuss in detail the Oscillator block,
Power Control block, Clock/Calendar Register Block and
Serial I2C block.
Oscillator Block
Selection of the right crystal, correct load capacitance and
careful PCB layout are important for a stable crystal
oscillator. Due to the optimization for the lowest possible
current in the design for these oscillators, losses caused by
parasitic currents can have a significant impact on the
overall oscillator performance. Extra care needs to be taken
to maintain a certain quality and cleanliness of the PCB.
Crystal Selection
The key parameters when selecting a 32 kHz crystal to work
with IDT1338 RTC are:
Recommended Load Capacitance
Crystal Effective Series Resistance (ESR)
Frequency Tolerance
Effective Load Capacitance
Please see diagram below for effective load capacitance
calculation. The effective load capacitance (CL) should
match the recommended load capacitance of the crystal in
order for the crystal to oscillate at its specified parallel
resonant frequency with 0ppm frequency error.
In the above figure, X1 and X2 are the crystal pins of our
device. Cin1 and Cin2 are the internal capacitors which
include the X1 and X2 pin capacitance. Cex1 and Cex2 are
the external capacitors that are needed to tune the crystal
frequency. Ct1 and Ct2 are the PCB trace capacitances
between the crystal and the device pins. CS is the shunt
capacitance of the crystal (as specified in the crystal
manufacturer's datasheet or measured using a network
analyzer).
Note: IDT1338CSRI integrates a standard 32.768 kHz
crystal in the package and contributes an additional
frequency error of 10ppm at nominal VCC (+3.3 V) and
TA=+25°C.
CPU
X1
X2
VCC
SQW/OUT
VBAT
GND
SDA
SCL
CRYSTAL
IDT1338
+
-
VCC
2k
2k
VCC
VCC
10k


Similar Part No. - 1338-31DVGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1338-31DVGI IDT-1338-31DVGI Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-31DVGI RENESAS-1338-31DVGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Integrated Device Techn...
1338-31DVGI8 IDT-1338-31DVGI8 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-31DVGI8 RENESAS-1338-31DVGI8 Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
More results

Similar Description - 1338-31DVGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338_10 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com