Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTAS3699A Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDTAS3699A
Description  0.5廓 LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTAS3699A Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDTAS3699A Datasheet HTML 2Page - Integrated Device Technology IDTAS3699A Datasheet HTML 3Page - Integrated Device Technology IDTAS3699A Datasheet HTML 4Page - Integrated Device Technology IDTAS3699A Datasheet HTML 5Page - Integrated Device Technology IDTAS3699A Datasheet HTML 6Page - Integrated Device Technology IDTAS3699A Datasheet HTML 7Page - Integrated Device Technology IDTAS3699A Datasheet HTML 8Page - Integrated Device Technology IDTAS3699A Datasheet HTML 9Page - Integrated Device Technology IDTAS3699A Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IDTAS3699A
0.5
Ω LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
ANALOG SWITCH
IDT™ 0.5
Ω LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
6
IDTAS3699A REV A 121707
Analog Switch Characteristics
Unless stated otherwise, CL = 5 pF, RL = 50Ω, TA = 25°C
Parameter
Symbol
Conditions
Value
Unit
TA
0 to 70°C
VCC (V)
Min.
Typ.
Max.
Min
Max
OFF Isolation
OIRR
1.65 - 4.3
VNC = VNO = 1 VRMS
f = 100 kHZ
-64
dB
Crosstalk
XTALK
1.65 - 4.3
VNC = VNO = 1 VRMS
f = 100 kHZ
-54
dB
Total Harmonic Distortion
THD
2.3 - 4.3
RL = 600Ω
VIN = 2VPP
f = 20 Hz to 20 kHz
0.03
%
-3dB Bandwidth
BW
1.65 - 4.3
RL = 50Ω
50
MHz
Control Pin Input
Capacitance
CIN
5pF
Sn Port Capacitance
CNC,
CNO
3.3
f = 1 MHz
30
pF
D Port Capacitance (when
switch is enabled)
CCOM
3.3
84


Similar Part No. - IDTAS3699A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTAS4624 IDT-IDTAS4624 Datasheet
268Kb / 15P
   0.5廓 LOW VOLTAGE, SINGLE SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684AHG IDT-IDTAS4684AHG Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
More results

Similar Description - IDTAS3699A

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4722 AITSEMI-A4722 Datasheet
519Kb / 14P
   QUAD SPDT ANALOG SWITCH 0.5 廓L,OW VOLTAGE
REV2.0
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
Integrated Device Techn...
IDTAS4624 IDT-IDTAS4624 Datasheet
268Kb / 15P
   0.5廓 LOW VOLTAGE, SINGLE SPDT ANALOG SWITCH
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
[Old version datasheet]   LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
Pericom Semiconductor C...
PI3A412E PERICOM-PI3A412E Datasheet
774Kb / 9P
   0.5廓, 3.3V, Quad SPDT Analog Switch with Enable
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
logo
SG Micro Corp
SGM5018 SGMICRO-SGM5018 Datasheet
488Kb / 10P
   4.5廓, High Speed, Low Voltage Quad, SPDT Analog Switch
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com