Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1338-31DCGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 1338-31DCGI
Description  REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1338-31DCGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 1338-31DCGI Datasheet HTML 3Page - Integrated Device Technology 1338-31DCGI Datasheet HTML 4Page - Integrated Device Technology 1338-31DCGI Datasheet HTML 5Page - Integrated Device Technology 1338-31DCGI Datasheet HTML 6Page - Integrated Device Technology 1338-31DCGI Datasheet HTML 7Page - Integrated Device Technology 1338-31DCGI Datasheet HTML 8Page - Integrated Device Technology 1338-31DCGI Datasheet HTML 9Page - Integrated Device Technology 1338-31DCGI Datasheet HTML 10Page - Integrated Device Technology 1338-31DCGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
IDT1338
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
RTC
IDT™ REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM 7
IDT1338
REV J 111009
being PM. In the 24-hour mode, bit 5 is the second 10-hour
bit (20–23 hours). If the 12/24-hour mode select is changed,
the hours register must be re-initialized to the new format.
On an I2C START, the current time is transferred to a second
set of registers. The time information is read from these
secondary registers, while the clock continues to run. This
eliminates the need to re-read the registers in case of an
update of the main registers during a read.
Table 4. Control Register (07H)
The control register controls the operation of the SQW/OUT pin and provides oscillator status.
Bit 7: Output Control (OUT). Controls the output level of the SQW/OUT pin when the square-wave output is disabled. If SQWE
= 0, the logic level on the SQW/OUT pin is 1 if OUT = 1; it is 0 if OUT = 0.
Bit 5: Oscillator Stop Flag (OSF). A logic 1 in this bit indicates that the oscillator has stopped or was stopped for some time
period and can be used to judge the validity of the clock and calendar data. This bit is edge triggered, and is set to logic 1 when
the internal circuitry senses the oscillator has transitioned from a normal run state to a STOP condition. The following are
examples of conditions that may cause the OSF bit to be set:
1) The first time power is applied.
2) The voltage present on VCC and VBAT are insufficient to support oscillation.
3) The CH bit is set to 1, disabling the oscillator.
4) External influences on the crystal (i.e., noise, leakage, etc.).
This bit remains at logic 1 until written to logic 0. This bit can only be written to logic 0. Attempting to write OSF to logic 1 leaves
the value unchanged.
Bit 4: Square-Wave Enable (SQWE). When set to logic 1, this bit enables the oscillator output to operate with either VCC or
VBAT applied. The frequency of the square-wave output depends upon the value of the RS0 and RS1 bits.
Bits 1 and 0: Rate Select (RS1 and RS0). These bits control the frequency of the square-wave output when the square-wave
output has been enabled. The table below lists the square-wave frequencies that can be selected with the RS bits.
Table 5. Square Wave Output
Bit #Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Name
OUT
0
OSF
SQWE
0
0
RS1
RS0
POR
10110011
OUT
RS1
RS0
SQW Output
SQWE
X0
0
1 Hz
1
X
0
1
4.096 kHz
1
X
1
0
8.192 kHz
1
X
1
1
32.768 kHz
1
0X
X
0
0
1X
X
1
0


Similar Part No. - 1338-31DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1338-31DCGI IDT-1338-31DCGI Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-31DCGI RENESAS-1338-31DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Integrated Device Techn...
1338-31DCGI8 IDT-1338-31DCGI8 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-31DCGI8 RENESAS-1338-31DCGI8 Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
More results

Similar Description - 1338-31DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338_10 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com