Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2305B-1DCG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 2305B-1DCG
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2305B-1DCG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 2305B-1DCG Datasheet HTML 2Page - Integrated Device Technology 2305B-1DCG Datasheet HTML 3Page - Integrated Device Technology 2305B-1DCG Datasheet HTML 4Page - Integrated Device Technology 2305B-1DCG Datasheet HTML 5Page - Integrated Device Technology 2305B-1DCG Datasheet HTML 6Page - Integrated Device Technology 2305B-1DCG Datasheet HTML 7Page - Integrated Device Technology 2305B-1DCG Datasheet HTML 8Page - Integrated Device Technology 2305B-1DCG Datasheet HTML 9Page - Integrated Device Technology 2305B-1DCG Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305B
3.3VZERODELAYCLOCKBUFFER
TYPICAL DUTY CYCLE(1) AND IDD TRENDS(2)FOR IDT2305B-1H
NOTES:
1. Duty Cycle is taken from typical chip measured at 1.4V.
2. IDD data is calculated from IDD = ICORE + nCVf, where ICORE is the unloaded current. (n = Number of outputs; C = Capacitance load per output (F); V = Supply Voltage (V);
f = Frequency (Hz))
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs VDD
(for 30pf loads over frequency - 3.3V, 25C)
33MHz
66MHz
100MHz
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs VDD
(for 10pF loads over frequency - 3.3V, 25C)
33MHz
66MHz
100MHz
20
40
60
80
100
120
140
Frequency (MHz)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs Frequency
(for 30pf loads over temperature - 3.3V)
-40C
0C
25C
70C
85C
133MHz
20
40
60
80
100
120
140
Frequency (MHz)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs Frequency
(for 10pF loads over temperature - 3.3V)
-40C
0C
25C
70C
85C
02
4
6
8
Number of Loaded Outputs
0
20
40
60
80
100
120
140
IDD vs Number of Loaded Outputs
(for 30pf loads over frequency - 3.3V, 25C)
33MHz
66MHz
100MHz
02
4
6
8
Number of Loaded Outputs
0
20
40
60
80
100
120
140
IDD vs Number of Loaded Outputs
(for 10pF loads over frequency - 3.3V, 25C)
33MHz
66MHz
100MHz
160
160


Similar Part No. - 2305B-1DCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2305B-1DCG IDT-2305B-1DCG Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCG IDT-2305B-1DCG Datasheet
184Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
2305B-1DCG RENESAS-2305B-1DCG Datasheet
368Kb / 13P
   3.3V ZERO DELAY CLOCK BUFFER
APRIL 2016
logo
Integrated Device Techn...
2305B-1DCG8 IDT-2305B-1DCG8 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
2305B-1DCG8 RENESAS-2305B-1DCG8 Datasheet
368Kb / 13P
   3.3V ZERO DELAY CLOCK BUFFER
APRIL 2016
More results

Similar Description - 2305B-1DCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com