Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC12816C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88SC12816C
Description  CryptoMemory 128 Kbit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC12816C Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88SC12816C Datasheet HTML 1Page - ATMEL Corporation AT88SC12816C Datasheet HTML 2Page - ATMEL Corporation AT88SC12816C Datasheet HTML 3Page - ATMEL Corporation AT88SC12816C Datasheet HTML 4Page - ATMEL Corporation AT88SC12816C Datasheet HTML 5Page - ATMEL Corporation AT88SC12816C Datasheet HTML 6Page - ATMEL Corporation AT88SC12816C Datasheet HTML 7Page - ATMEL Corporation AT88SC12816C Datasheet HTML 8Page - ATMEL Corporation AT88SC12816C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AT88SC12816C
5
5016KS–SMEM–08/09
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
IIH
RST Input High Current
VCC x 0.7 < VIH < VCC
150
μA
VOH
SDA/IO Output High Voltage
20K ohm external pull-up
VCC x 0.7
VCC
V
VOL
SDA/IO Output Low Voltage
IOL = 1mA
0
VCC x 0.15
V
IOH
SDA/IO Output High Current
VOH
20
μA
Notes
: 1. VIL min and VIH max are reference only and are not tested.
2. To prevent Latch Up Conditions from occurring during Power Up of the AT88SCxxxxC, VCC must be turned
on before applying VIH. For Powering Down, VIH must be removed before turning VCC off.


Similar Part No. - AT88SC12816C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
AT88SC12816C ATMEL-AT88SC12816C Datasheet
1Mb / 58P
   CryptoMemory Specification For Standard Mode of Operation
AT88SC12816C-MJ ATMEL-AT88SC12816C-MJ Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
AT88SC12816C-MP ATMEL-AT88SC12816C-MP Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
AT88SC12816C-PU ATMEL-AT88SC12816C-PU Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
More results

Similar Description - AT88SC12816C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com