Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV256-20SU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28BV256-20SU
Description  256K (32K x 8) Battery-Voltage Parallel EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV256-20SU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28BV256-20SU Datasheet HTML 1Page - ATMEL Corporation AT28BV256-20SU Datasheet HTML 2Page - ATMEL Corporation AT28BV256-20SU Datasheet HTML 3Page - ATMEL Corporation AT28BV256-20SU Datasheet HTML 4Page - ATMEL Corporation AT28BV256-20SU Datasheet HTML 5Page - ATMEL Corporation AT28BV256-20SU Datasheet HTML 6Page - ATMEL Corporation AT28BV256-20SU Datasheet HTML 7Page - ATMEL Corporation AT28BV256-20SU Datasheet HTML 8Page - ATMEL Corporation AT28BV256-20SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
0273K–PEEPR–2/09
AT28BV256
3.
Block Diagram
4.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages (including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Voltage on OE and A9
with Respect to Ground ...................................-0.6V to +13.5V


Similar Part No. - AT28BV256-20SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256-20SU ATMEL-AT28BV256-20SU Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
More results

Similar Description - AT28BV256-20SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28HC256 ATMEL-AT28HC256 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT27BV256 ATMEL-AT27BV256_07 Datasheet
420Kb / 15P
   256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
logo
ATMEL Corporation
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com