Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV64B-20JU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT28BV64B-20JU
Description  64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV64B-20JU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28BV64B-20JU Datasheet HTML 1Page - ATMEL Corporation AT28BV64B-20JU Datasheet HTML 2Page - ATMEL Corporation AT28BV64B-20JU Datasheet HTML 3Page - ATMEL Corporation AT28BV64B-20JU Datasheet HTML 4Page - ATMEL Corporation AT28BV64B-20JU Datasheet HTML 5Page - ATMEL Corporation AT28BV64B-20JU Datasheet HTML 6Page - ATMEL Corporation AT28BV64B-20JU Datasheet HTML 7Page - ATMEL Corporation AT28BV64B-20JU Datasheet HTML 8Page - ATMEL Corporation AT28BV64B-20JU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
0299I–PEEPR–4/09
AT28BV64B
4.4
DATA Polling
The AT28BV64B features DATA Polling to indicate the end of a write cycle. During a byte or
page write cycle an attempted read of the last byte written will result in the complement of the
written data to be presented on I/O7. Once the write cycle has been completed, true data is valid
on all outputs, and the next write cycle may begin. DATA Polling may begin at anytime during the
write cycle.
4.5
Toggle Bit
In addition to DATA Polling, the AT28BV64B provides another method for determining the end of
a write cycle. During the write operation, successive attempts to read data from the device will
result in I/O6 toggling between one and zero. Once the write has completed, I/O6 will stop tog-
gling and valid data will be read. Reading the toggle bit may begin at any time during the write
cycle.
4.6
Data Protection
If precautions are not taken, inadvertent writes may occur during transitions of the host system
power supply. Atmel® has incorporated both hardware and software features that will protect the
memory against inadvertent writes.
4.6.1
Hardware Protection
Hardware features protect against inadvertent writes to the AT28BV64B in the following ways:
(a) VCC power-on delay – once VCC has reached 1.8V (typical) the device will automatically time
out 10 ms (typical) before allowing a write; (b) write inhibit – holding any one of OE low, CE high
or WE high inhibits write cycles; and (c) noise filter – pulses of less than 15 ns (typical) on the
WE or CE inputs will not initiate a write cycle.
4.6.2
Software Data Protection
A software-controlled data protection feature has been implemented on the AT28BV64B. Soft-
ware data protection (SDP) helps prevent inadvertent writes from corrupting the data in the
device. SDP can prevent inadvertent writes during power-up and power-down as well as any
other potential periods of system instability.
The AT28BV64B can only be written using the software data protection feature. A series of three
write commands to specific addresses with specific data must be presented to the device before
writing in the byte or page mode. The same three write commands must begin each write opera-
tion. All software write commands must obey the page mode write timing specifications. The
data in the 3-byte command sequence is not written to the device; the addresses in the com-
mand sequence can be utilized just like any other location in the device.
Any attempt to write to the device without the 3-byte sequence will start the internal write timers.
No data will be written to the device; however, for the duration of tWC, read operations will effec-
tively be polling operations.
4.7
Device Identification
An extra 64 bytes of EEPROM memory are available to the user for device identification. By rais-
ing A9 to 12V ± 0.5V and using address locations 7FC0H to 7FFFH, the additional bytes may be
written to or read from in the same manner as the regular memory array.


Similar Part No. - AT28BV64B-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B-20JU ATMEL-AT28BV64B-20JU Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28BV64B-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com