Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10C Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF22V10C
Description  High performance EE PLD
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF22V10C_09 Datasheet HTML 4Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 5Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 6Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 7Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 8Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 9Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 10Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 11Page - ATMEL Corporation ATF22V10C_09 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
0735T–PLD–5/09
ATF22V10C(Q)
7.
Programming/Erasing
Programming/erasing is performed using standard PLD programmers. See “CMOS PLD Pro-
gramming Hardware & Software Support” for information on software/programming.
8.
Input and I/O Pin-keeper Circuits
The ATF22V10C contains internal input and I/O pin-keeper circuits. These circuits allow each
ATF22V10C pin to hold its previous value even when it is not being driven by an external source
or by the device’s output buffer. This helps to ensure that all logic array inputs are at known valid
logic levels. This reduces system power by preventing pins from floating to indeterminate levels.
By using pin-keeper circuits rather than pull-up resistors, there is no DC current required to hold
the pins in either logic state (high or low).
These pin-keeper circuits are implemented as weak feedback inverters, as shown in the Input
Diagram below. These keeper circuits can easily be overdriven by standard TTL- or CMOS-com-
patible drivers. The typical overdrive current required is 40 µA.
Figure 8-1.
Input Diagram
Table 7-1.
Programming/Erasing
Parameter
Description
Typ
Max
Units
t
PR
Power-up Reset Time
600
1,000
ns
VRST
Power-up Reset Voltage
3.8
4.5
V


Similar Part No. - ATF22V10C_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10C_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com