Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28HC64B-12SU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28HC64B-12SU
Description  64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B-12SU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28HC64B-12SU Datasheet HTML 1Page - ATMEL Corporation AT28HC64B-12SU Datasheet HTML 2Page - ATMEL Corporation AT28HC64B-12SU Datasheet HTML 3Page - ATMEL Corporation AT28HC64B-12SU Datasheet HTML 4Page - ATMEL Corporation AT28HC64B-12SU Datasheet HTML 5Page - ATMEL Corporation AT28HC64B-12SU Datasheet HTML 6Page - ATMEL Corporation AT28HC64B-12SU Datasheet HTML 7Page - ATMEL Corporation AT28HC64B-12SU Datasheet HTML 8Page - ATMEL Corporation AT28HC64B-12SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
Fast Read Access Time – 70 ns
Automatic Page Write Operation
– Internal Address and Data Latches for 64 Bytes
Fast Write Cycle Times
– Page Write Cycle Time: 10 ms Maximum (Standard)
2 ms Maximum (Option – Ref. AT28HC64BF Datasheet)
– 1 to 64-byte Page Write Operation
Low Power Dissipation
– 40 mA Active Current
– 100 µA CMOS Standby Current
Hardware and Software Data Protection
DATA Polling and Toggle Bit for End of Write Detection
High Reliability CMOS Technology
– Endurance: 100,000 Cycles
– Data Retention: 10 Years
Single 5 V ±10% Supply
CMOS and TTL Compatible Inputs and Outputs
JEDEC Approved Byte-wide Pinout
Industrial Temperature Ranges
Green (Pb/Halide-free) Packaging Option Only
1. Description
The AT28HC64B is a high-performance electrically-erasable and programmable read-
only memory (EEPROM). Its 64K of memory is organized as 8,192 words by 8 bits.
Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers
access times to 55 ns with power dissipation of just 220 mW. When the device is
deselected, the CMOS standby current is less than 100 µA.
The AT28HC64B is accessed like a Static RAM for the read or write cycle without the
need for external components. The device contains a 64-byte page register to allow
writing of up to 64 bytes simultaneously. During a write cycle, the addresses and 1 to
64 bytes of data are internally latched, freeing the address and data bus for other
operations. Following the initiation of a write cycle, the device will automatically write
the latched data using an internal control timer. The end of a write cycle can be
detected by DATA polling of I/O7. Once the end of a write cycle has been detected, a
new access for a read or write can begin.
Atmel’s AT28HC64B has additional features to ensure high quality and manufactura-
bility. The device utilizes internal error correction for extended endurance and
improved data retention characteristics. An optional software data protection mecha-
nism is available to guard against inadvertent writes. The device also includes an
extra 64 bytes of EEPROM for device identification or tracking.
64K (8K x 8)
High-speed
Parallel
EEPROM with
Page Write and
Software Data
Protection
AT28HC64B
0274L–PEEPR–2/3/09


Similar Part No. - AT28HC64B-12SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B-12SC ATMEL-AT28HC64B-12SC Datasheet
661Kb / 12P
   64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
AT28HC64B-12SI ATMEL-AT28HC64B-12SI Datasheet
661Kb / 12P
   64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
AT28HC64B-12SI ATMEL-AT28HC64B-12SI Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28HC64B-12SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B Datasheet
661Kb / 12P
   64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com