Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTUS8030 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTUS8030
Description  LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTUS8030 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTUS8030 Datasheet HTML 1Page - Integrated Device Technology IDTUS8030 Datasheet HTML 2Page - Integrated Device Technology IDTUS8030 Datasheet HTML 3Page - Integrated Device Technology IDTUS8030 Datasheet HTML 4Page - Integrated Device Technology IDTUS8030 Datasheet HTML 5Page - Integrated Device Technology IDTUS8030 Datasheet HTML 6Page - Integrated Device Technology IDTUS8030 Datasheet HTML 7Page - Integrated Device Technology IDTUS8030 Datasheet HTML 8Page - Integrated Device Technology IDTUS8030 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IDTUS8030
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
USB SWITCH
IDT™ LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
3
IDTUS8030
REV F 082108
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDTUS8030. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range. All voltages referenced to
ground.
Recommended Operating Conditions 2
Note 1: The input and output negative voltage ratings may be exceeded if the input and output diode current ratings
are observed. DC switch voltage may never exceed 4.6V
Note 2: Control input must be held HIGH or LOW and it must not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
-0.5 V to 4.6 V
VCNTRL
DC Input Voltage 1
-0.5 V to 4.6 V
VSW
DC Switch Voltage 1
-0.5 V to VCC + 0.3 V
-0.5 V to 5.25 V
IIK
DC Input Diode Current
-50 mA
IOUT
DC Output Current
50 mA
TSTG
Storage Temperature
-65°C to 150°C
ESD
ESD (Human Body Mode)
All Pins
I/O to GND
8.0 kV
8.0 kV
Symbol
Parameter
Rating
VCC
Supply Voltage
3.0 V to 4.3 V
VSW
Switch Voltage
0V to VCC
VIN
Control Input Voltage
0V to VCC
TA
Operating Temperature
-40°C to +85°C


Similar Part No. - IDTUS8030

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTUS8030 RENESAS-IDTUS8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results

Similar Description - IDTUS8030

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com