Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US4717NBGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # US4717NBGI
Description  4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

US4717NBGI Datasheet(HTML) 1 Page - Integrated Device Technology

  US4717NBGI Datasheet HTML 1Page - Integrated Device Technology US4717NBGI Datasheet HTML 2Page - Integrated Device Technology US4717NBGI Datasheet HTML 3Page - Integrated Device Technology US4717NBGI Datasheet HTML 4Page - Integrated Device Technology US4717NBGI Datasheet HTML 5Page - Integrated Device Technology US4717NBGI Datasheet HTML 6Page - Integrated Device Technology US4717NBGI Datasheet HTML 7Page - Integrated Device Technology US4717NBGI Datasheet HTML 8Page - Integrated Device Technology US4717NBGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY DATASHEET
4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
IDTUS4717
IDT™ 4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH 1
IDTUS4717
REV D 012407
Description
The IDTUS4717 low on-resistance (RON), low voltage, dual
single-pole/double-throw (SPDT) analog switch operates
from a single +2.7 V to +3.6 V supply. The IDTUS4717
features a 4.5
Ω (max) RON for its NC switch and a 4.5Ω
(max) RON for its NO switch at a +3.0 V supply. It also
features break-before-make switching action (1ns) with
tON <80ns and tOFF <40ns at +2.7 V. Available in 3x3 DFN,
or 10-bump CSP package.
Applications
USB 1.1 signal switching circuits
Speaker headset switching
MP3 players
Battery-operated equipment
Audio and video signal routing
PCMCIA cards
Cellular phones
Modems
PDAs
Features
USB 1.1 signal switching compliant
2ns (max) differential skew
-3dB bandwidth > 90 MHz
Low 15 pF on-channel capacitance
2.7 V to 3.6 V single-supply operation
Rail-to-rail signal handling
R
ON match between channels: 0.3Ω (max)
R
ON flatness over signal range: 1.2Ω (max)
NCx switch R
ON: 4.5Ω max (3 V supply)
NOx switch R
ON: 4.5Ω max (3 V supply)
Low crosstalk: -80dB (10 MHz)
High off-oscillation: -55dB (10 MHz)
THD: 0.02%
1 mA (max) supply current
Low leakage currents: <0.5nA at T
A = +25°C
10-bump, 0.5 mm pitch UCSP or 10-lead, 0.5 mm pitch
3x3 mm DFN packages
Block Diagram


Similar Part No. - US4717NBGI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US40 MICROSEMI-US40 Datasheet
153Kb / 4P
   RECTIFIERS ASSEMBLIES
logo
UNISEM
US431ALCL UNISEM-US431ALCL Datasheet
37Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
US431ALCS UNISEM-US431ALCS Datasheet
37Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
US431ALCZ UNISEM-US431ALCZ Datasheet
37Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
US431L UNISEM-US431L Datasheet
37Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - US4717NBGI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717 ONSEMI-NLAS4717 Datasheet
96Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
April, 2006 ??Rev. 8
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Vishay Siliconix
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com