Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA21X0 Datasheet(PDF) 6 Page - VTI technologies

Part # SCA21X0
Description  VTI Automotive Digital Accelerometer Platform
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA21X0 Datasheet(HTML) 6 Page - VTI technologies

Back Button SCA21X0 Datasheet HTML 2Page - VTI technologies SCA21X0 Datasheet HTML 3Page - VTI technologies SCA21X0 Datasheet HTML 4Page - VTI technologies SCA21X0 Datasheet HTML 5Page - VTI technologies SCA21X0 Datasheet HTML 6Page - VTI technologies SCA21X0 Datasheet HTML 7Page - VTI technologies SCA21X0 Datasheet HTML 8Page - VTI technologies SCA21X0 Datasheet HTML 9Page - VTI technologies SCA21X0 Datasheet HTML 10Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
6/35
www.vti.fi
Doc. Nr. 82 694 00 C
1.3
Typical applications
VTI Automotive Digital Accelerometer Platform is targeted to automotive applications with high
stability requirements. Typical applications include but are not limited to
Electronic Stability Control (ESC)
Hill Start Assist (HSA)
Electronic Parking Brake (EPB)
Roll Over
Active Suspension
Inclination
Industrial applications
1.4
Functional Description
Basic product concept of the VTI Automotive Digital Accelerometer Platform is a two chip solution
consisting of a single sensing element and one ASIC inside a pre-molded 12-pin housing. The
interface to the application is a four wire digital SPI interface. In single axis products there is also
Pulse Width Modulation output available. In addition to the supply voltage filtering the component
does not require any other components to be connected to the device.
Block diagram of SCA8X0/SCA21X0/31X0
1.4.1
Sensing element
The sensing element of the product is manufactured by using VTI Technologies proprietary bulk
3D-mems process enabling a robust, stable and low noise capacitive sensor. Depending on the
product type and measurement direction the sensing element type and orientation inside the
housing can vary. Single axis products are equipped with single axis sensing elements and multi
axis products are equipped with multi axis sensing elements.
1.4.2
Interface IC
The main functional blocks of the interface ASIC are the following:
1.4.3
Capacitance to voltage conversion
The acceleration is causing a capacitance change inside the sensing element. The capacitance
change can be detected by the ASIC analog interface. The capacitance information is converted
into an analog voltage that can be further processed easily inside the ASIC.


Similar Part No. - SCA21X0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA21X0 MURATA-SCA21X0 Datasheet
104Kb / 4P
   The purpose of SCA8X0/21X0/3100 PWB is to enable fast prototyping.
More results

Similar Description - SCA21X0

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3060-D01 VTI-SCA3060-D01 Datasheet
242Kb / 4P
   DIGITAL LOW POWER ACCELEROMETER FOR AUTOMOTIVE APPLICATIONS
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
Advantech Co., Ltd.
ARK-DS303 ADVANTECH-ARK-DS303 Datasheet
432Kb / 2P
   Value Digital Signage Platform
logo
HYCON Technology Corpor...
HY14E10 HYCON-HY14E10 Datasheet
1Mb / 34P
   Digital Pressure Sensor Platform
HY14E10M HYCON-HY14E10M Datasheet
1Mb / 34P
   Digital Pressure Sensor Platform
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com