Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB161D-SU-SL954 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45DB161D-SU-SL954
Description  16-megabit 2.5-volt or 2.7-volt DataFlash
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161D-SU-SL954 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB161D-SU-SL954 Datasheet HTML 4Page - ATMEL Corporation AT45DB161D-SU-SL954 Datasheet HTML 5Page - ATMEL Corporation AT45DB161D-SU-SL954 Datasheet HTML 6Page - ATMEL Corporation AT45DB161D-SU-SL954 Datasheet HTML 7Page - ATMEL Corporation AT45DB161D-SU-SL954 Datasheet HTML 8Page - ATMEL Corporation AT45DB161D-SU-SL954 Datasheet HTML 9Page - ATMEL Corporation AT45DB161D-SU-SL954 Datasheet HTML 10Page - ATMEL Corporation AT45DB161D-SU-SL954 Datasheet HTML 11Page - ATMEL Corporation AT45DB161D-SU-SL954 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
3500M–DFLASH–04/09
AT45DB161D
7. Program and Erase Commands
7.1
Buffer Write
Data can be clocked in from the input pin (SI) into either buffer 1 or buffer 2. To load data into the
standard DataFlash buffer (528 bytes), a 1-byte opcode, 84H for buffer 1 or 87H for buffer 2,
must be clocked into the device, followed by three address bytes comprised of 14 don’t care bits
and 10 buffer address bits (BFA9 - BFA0). The 10 buffer address bits specify the first byte in the
buffer to be written. To load data into the binary buffers (512 bytes each), a 1-byte opcode 84H
for buffer 1 or 87H for buffer 2, must be clocked into the device, followed by three address bytes
comprised of 15 don’t care bits and 9 buffer address bits (BFA8 - BFA0). The 9 buffer address
bits specify the first byte in the buffer to be written. After the last address byte has been clocked
into the device, data can then be clocked in on subsequent clock cycles. If the end of the data
buffer is reached, the device will wrap around back to the beginning of the buffer. Data will con-
tinue to be loaded into the buffer until a low-to-high transition is detected on the CS pin.
7.2
Buffer to Main Memory Page Program with Built-in Erase
Data written into either buffer 1 or buffer 2 can be programmed into the main memory. A 1-byte
opcode, 83H for buffer 1 or 86H for buffer 2, must be clocked into the device. For the standard
DataFlash page size (528 bytes), the opcode must be followed by three address bytes consist of
2 don’t care bits, 12 page address bits (PA11 - PA0) that specify the page in the main memory to
be written and 10 don’t care bits. To perform a buffer to main memory page program with built-in
erase for the binary page size (512 bytes), the opcode 83H for buffer 1 or 86H for buffer 2, must
be clocked into the device followed by three address bytes consisting of 3 don’t care bits 12
page address bits (A20 - A9) that specify the page in the main memory to be written and 9 don’t
care bits. When a low-to-high transition occurs on the CS pin, the part will first erase the selected
page in main memory (the erased state is a logic 1) and then program the data stored in the buf-
fer into the specified page in main memory. Both the erase and the programming of the page are
internally self-timed and should take place in a maximum time of tEP. During this time, the status
register and the RDY/BUSY pin will indicate that the part is busy.
7.3
Buffer to Main Memory Page Program without Built-in Erase
A previously-erased page within main memory can be programmed with the contents of either
buffer 1 or buffer 2. A 1-byte opcode, 88H for buffer 1 or 89H for buffer 2, must be clocked into
the device. For the standard DataFlash page size (528 bytes), the opcode must be followed by
three address bytes consist of 2 don’t care bits, 12 page address bits (PA11 - PA0) that specify
the page in the main memory to be written and 10 don’t care bits. To perform a buffer to main
memory page program without built-in erase for the binary page size (512 bytes), the opcode
88H for buffer 1 or 89H for buffer 2, must be clocked into the device followed by three address
bytes consisting of 3 don’t care bits, 12 page address bits (A20 - A9) that specify the page in the
main memory to be written and 9 don’t care bits. When a low-to-high transition occurs on the CS
pin, the part will program the data stored in the buffer into the specified page in the main mem-
ory. It is necessary that the page in main memory that is being programmed has been previously
erased using one of the erase commands (Page Erase or Block Erase). The programming of the
page is internally self-timed and should take place in a maximum time of tP. During this time, the
status register and the RDY/BUSY pin will indicate that the part is busy.


Similar Part No. - AT45DB161D-SU-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D-SU-SL954 ATMEL-AT45DB161D-SU-SL954 Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB161D-SU-SL954 ETC2-AT45DB161D-SU-SL954 Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB161D-SU-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
logo
ATMEL Corporation
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041B ATMEL-AT45DB041B Datasheet
512Kb / 35P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com